Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2679 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2679
Description  SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2679 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2679 Datasheet HTML 9Page - National Semiconductor (TI) LM2679 Datasheet HTML 10Page - National Semiconductor (TI) LM2679 Datasheet HTML 11Page - National Semiconductor (TI) LM2679 Datasheet HTML 12Page - National Semiconductor (TI) LM2679 Datasheet HTML 13Page - National Semiconductor (TI) LM2679 Datasheet HTML 14Page - National Semiconductor (TI) LM2679 Datasheet HTML 15Page - National Semiconductor (TI) LM2679 Datasheet HTML 16Page - National Semiconductor (TI) LM2679 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Application Hints (Continued)
Step 2: Select an LM2679S-ADJ. To set the output voltage
to 14.9V two resistors need to be chosen (R1 and R2 in
Fig-
ure 2). For the adjustable device the output voltage is set by
the following relationship:
Where V
FB is the feedback voltage of typically 1.21V.
A recommended value to use for R1 is 1K. In this example
then R2 is determined to be:
R2 = 11.23K
Ω
The closest standard 1% tolerance value to use is 11.3K
Ω
This will set the nominal output voltage to 14.88V which is
within 0.5% of the target value.
Step 3: To use the nomograph for the adjustable device,
Fig-
ure
6,
requires
a
calculation
of
the
inductor
Volt
•microsecond constant (E•T expressed in V•µS) from
the following formula:
where V
SAT is the voltage drop across the internal power
switch which is R
ds(ON) times Iload. In this example this would
be typically 0.12
Ω x 3.5A or 0.42V and V
D is the voltage drop
across the forward bisased Schottky diode, typically 0.5V.
The switching frequency of 260KHz is the nominal value to
use to estimate the ON time of the switch during which en-
ergy is stored in the inductor.
For this example E
•T is found to be:
Using
Figure 6, the intersection of 27V
•µS horizontally and
the 3.5A vertical line (I
load max) indicates that L48 , a 47µH
inductor, or L49, a 33µH inductor could be used. Either in-
ductor will be suitable, but for this example selecting the
larger inductance will result in lower ripple current.
From Table 1, L48 in a surface mount component is available
from Pulse Engineering with part number P0848.
Step 4: Use Table 6 to determine an output capacitor. With a
14.8V output the 12.5 to 15V row is used and with a 47µH in-
ductor there are three surface mount output capacitor solu-
tions. Table 2 provides the actual capacitor characteristics
based on the C Code number. Any of the following choices
can be used:
1 x 33µF/20V AVX TPS (code C6)
1 x 47µF/20V Sprague 594 (code C8)
1 x 47µF/20V Kemet T495 (code C8)
Important Note: When using the adjustable device in low
voltage applications (less than 3V output), if the nomograph,
Figure 6, selects an inductance of 22µH or less, Table 6 does
not provide an output capacitor solution. With these condi-
tions the number of output capacitors required for stable op-
eration becomes impractical. It is recommended to use ei-
ther a 33µH or 47µH inductor and the output capacitors from
Table 6.
Step 5: An input capacitor for this example will require at
least a 35V WV rating with an rms current rating of 1.75A
(1/2 Iout max). From Table 2 it can be seen that C12, a
33µF/35V
capacitor
from
Sprague,
has
the
highest
voltage/current rating of the surface mount components and
that two of these capacitor in parallel will be adquate.
Step 6: From Table5a5A or more Schottky diode must be
selected. For surface mount diodes with a margin of safety
on the voltage rating one of two diodes can be used:
MBRD1545CT
6TQ045S
Step 7: A 0.01µF capacitor will be used for Cboost.
The softstart pin will be left open circuited.
Step 8: Determine a value for R
ADJ to provide a peak switch
current limit of at least 3.5A plus 50% or 5.25A.
Use a value of 7.15K
Ω.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com