Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2679 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2679
Description  SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2679 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM2679 Datasheet HTML 16Page - National Semiconductor (TI) LM2679 Datasheet HTML 17Page - National Semiconductor (TI) LM2679 Datasheet HTML 18Page - National Semiconductor (TI) LM2679 Datasheet HTML 19Page - National Semiconductor (TI) LM2679 Datasheet HTML 20Page - National Semiconductor (TI) LM2679 Datasheet HTML 21Page - National Semiconductor (TI) LM2679 Datasheet HTML 22Page - National Semiconductor (TI) LM2679 Datasheet HTML 23Page - National Semiconductor (TI) LM2679 Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Application Hints (Continued)
Table 6. Output Capacitors for Adjustable Output Voltage Applications
Output Voltage
(V)
Inductance
(µH)
Surface Mount
AVX TPS Series
Sprague 594D
Series
Kemet T495 Series
No.
C Code
No.
C Code
No.
C Code
1.21 to 2.50
33*
7C16C27C3
47*
5C14C25C3
2.5 to 3.75
33*
4C13C24C3
47*
3C12C23C3
3.75 to 5
22
4C13C24C3
33
3C12C23C3
47
2C12C22C3
5 to 6.25
22
3C23C33C4
33
2C22C32C4
47
2C22C32C4
68
1C21C31C4
6.25 to 7.5
22
3C21C43C4
33
2C21C32C4
47
1C31C41C6
68
1C21C31C4
7.5 to 10
33
2C51C62C8
47
1C51C62C8
68
1C51C61C8
100
1C41C51C8
10 to 12.5
33
1C51C62C8
47
1C51C62C8
68
1C51C61C8
100
1C51C61C8
12.5 to 15
33
1C61C81C8
47
1C61C81C8
68
1C61C81C8
100
1C61C81C8
15 to 20
33
1
C8
1
C10
2
C10
47
1C81C92
C10
68
1C81C92
C10
100
1C81C91
C10
20 to 30
33
2
C9
2
C11
2
C11
47
1
C10
1
C12
1
C11
68
1
C9
1
C12
1
C11
100
1
C9
1
C12
1
C11
30 to 37
10
4
C13
8
C12
15
3
C13
5
C12
22
No Values Available
2
C13
4
C12
33
1
C13
3
C12
47
1
C13
2
C12
68
1
C13
2
C12
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com