Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5345 Datasheet(PDF) 39 Page - PMC-Sierra, Inc

Part # PM5345
Description  SATURN USER NETWORK INTERFACE TELECOM STANDARD PRODUCT
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5345 Datasheet(HTML) 39 Page - PMC-Sierra, Inc

Back Button PM5345 Datasheet HTML 35Page - PMC-Sierra, Inc PM5345 Datasheet HTML 36Page - PMC-Sierra, Inc PM5345 Datasheet HTML 37Page - PMC-Sierra, Inc PM5345 Datasheet HTML 38Page - PMC-Sierra, Inc PM5345 Datasheet HTML 39Page - PMC-Sierra, Inc PM5345 Datasheet HTML 40Page - PMC-Sierra, Inc PM5345 Datasheet HTML 41Page - PMC-Sierra, Inc PM5345 Datasheet HTML 42Page - PMC-Sierra, Inc PM5345 Datasheet HTML 43Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 196 page
background image
PM5345 S/UNI-155
DATA SHEET
PMC-930305
ISSUE 4
SATURN USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
25
Pin Name
Type
Pin
No.
Function
TSEN
Input
109
The tristate enable (TSEN) input selects the
configuration of the receive datapath
(RDAT[15:0]). When TSEN is tied high,
RDAT[15:0] normally operates as a tristate bus
controlled by RRDB. When RRDB is high,
RDAT[15:0] is tristated. When RRDB is low,
RDAT[15:0] is enabled. When TSEN is tied
low, RDAT[15:0] normally operates as an
output bus, and is always enabled, regardless
of the state of RRDB
BUS8
Input
110
The bus width select (BUS8) input selects the
transmit and receive datapath widths. When
BUS8 is tied high, a 9-bit interface consisting
of a start of cell indication, and an 8-bit octet
bus is selected. When BUS8 is tied low, a 17-
bit interface consisting of a start of cell
indication, and a 16-bit word bus is selected.
RRDB
Input
111
The active low receive read strobe (RRDB) is
used to read ATM cells from the receive FIFO.
When active, RRDB must cycle at a 25 MHz or
lower instantaneous rate, but at a high enough
rate to avoid FIFO overflow. RSOC is updated
on the rising edge of RRDB. RDAT[15:0] are
updated on the falling edge of RRDB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com