Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5345 Datasheet(PDF) 51 Page - PMC-Sierra, Inc

Part # PM5345
Description  SATURN USER NETWORK INTERFACE TELECOM STANDARD PRODUCT
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5345 Datasheet(HTML) 51 Page - PMC-Sierra, Inc

Back Button PM5345 Datasheet HTML 47Page - PMC-Sierra, Inc PM5345 Datasheet HTML 48Page - PMC-Sierra, Inc PM5345 Datasheet HTML 49Page - PMC-Sierra, Inc PM5345 Datasheet HTML 50Page - PMC-Sierra, Inc PM5345 Datasheet HTML 51Page - PMC-Sierra, Inc PM5345 Datasheet HTML 52Page - PMC-Sierra, Inc PM5345 Datasheet HTML 53Page - PMC-Sierra, Inc PM5345 Datasheet HTML 54Page - PMC-Sierra, Inc PM5345 Datasheet HTML 55Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 196 page
background image
PM5345 S/UNI-155
DATA SHEET
PMC-930305
ISSUE 4
SATURN USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
37
Pin Name
Type
Pin
No.
Function
VT2
Input
24
The transmit PECL logic low reference (VT2)
pin is used to control the logic low voltage level
of the output PECL pins, TXCO+/- and TXD+/-.
VT2 should be connected to TAVD1 through a
reference resistor. The PECL outputs can be
used in a 50
Ω controlled impedance
environment. Under these conditions, the
reference resistor value is recommended to be
630
Ω, ±1%. Additional details are provided in
the Interface Examples section.
TAVD1
Ref
15
The reference (TAVD1) pin for the transmit
PECL circuitry. TAVD1 should be connected to
the Transmit Analog Reference Supply.
TAVS1
Ground
16
The ground (TAVS1) pin for the transmit PECL
circuitry. TAVS1 should be connected to GND.
TAVD2
Power
20
The power (TAVD2) pin for the transmit PECL
driver pads TAVD2 should be connected to the
PECL Driver Supply (normally the +5V D.C.
digital supply).
TAVS2
Ground
21
The ground (TAVS2) pin for the transmit PECL
driver pads TAVS2 should be connected to
GND.
RAVD
Ref
141
The reference (RAVD) pin for the receive
PECL circuitry. RAVD should be connected to
the Receive Analog Reference Supply.
RAVS
Ground
140
The ground (RAVS) pin for the receive PECL
circuitry RAVS should be connected to GND.
Notes on Pin Description:
1. All S/UNI inputs and bidirectionals present minimum capacitive loading and
operate at TTL logic levels except for the TXCI+, TXCI-, RXC+, RXC-, RXD+,
and RXD- differential inputs which operate at pseudo ECL (PECL) logic
levels.
2. Most S/UNI digital outputs and bidirectionals have 4 mA drive capability,
except the POCLK and RCLK outputs which have 8 mA drive capability. All 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com