Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFU3707ZPbF Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IRFU3707ZPbF
Description  HEXFET짰 Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRFU3707ZPbF Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IRFU3707ZPbF Datasheet HTML 4Page - Infineon Technologies AG IRFU3707ZPbF Datasheet HTML 5Page - Infineon Technologies AG IRFU3707ZPbF Datasheet HTML 6Page - Infineon Technologies AG IRFU3707ZPbF Datasheet HTML 7Page - Infineon Technologies AG IRFU3707ZPbF Datasheet HTML 8Page - Infineon Technologies AG IRFU3707ZPbF Datasheet HTML 9Page - Infineon Technologies AG IRFU3707ZPbF Datasheet HTML 10Page - Infineon Technologies AG IRFU3707ZPbF Datasheet HTML 11Page - Infineon Technologies AG IRFU3707ZPbF Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
 
IRFR/U3707ZPbF
9
2016-5-31
 
Note: For the most current drawing please refer to Infineon’s web site www.infineon.com
D-Pak (TO-252AA) Part Marking Information
D-Pak (TO-252AA) Package Outline (Dimensions are shown in millimeters (inches))
INTERNATIONAL
ASSEMBLED ON WW 16, 2001
IN THE ASSEMBLY LINE "A"
OR
Note: "P" in assembly line position
EXAMPLE:
LOT CODE 1234
THIS IS AN IRFR120
WITH ASSEMBLY
indicates "Lead-Free"
PRODUCT (OPTIONAL)
P = DESIGNATES LEAD-FREE
A = ASSEMBLY SITE CODE
PART NUMBER
WEEK 16
DATE CODE
YEAR 1 = 2001
RECTIFIER
INTERNATIONAL
LOGO
LOT CODE
ASSEMBLY
34
12
IRFR120
116A
LINE A
34
RECTIFIER
LOGO
IRFR120
12
ASSEMBLY
LOT CODE
YEAR 1 = 2001
DATE CODE
PART NUMBER
WEEK 16
"P" in assembly line position indicates
"Lead-Free" qualification to the consumer-level
P = DESIGNATES LEAD-FREE
PRODUCT QUALIFIED TO THE
CONSUMER LEVEL (OPTIONAL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com