Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFU3707ZPbF Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IRFU3707ZPbF
Description  HEXFET짰 Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRFU3707ZPbF Datasheet(HTML) 2 Page - Infineon Technologies AG

  IRFU3707ZPbF Datasheet HTML 1Page - Infineon Technologies AG IRFU3707ZPbF Datasheet HTML 2Page - Infineon Technologies AG IRFU3707ZPbF Datasheet HTML 3Page - Infineon Technologies AG IRFU3707ZPbF Datasheet HTML 4Page - Infineon Technologies AG IRFU3707ZPbF Datasheet HTML 5Page - Infineon Technologies AG IRFU3707ZPbF Datasheet HTML 6Page - Infineon Technologies AG IRFU3707ZPbF Datasheet HTML 7Page - Infineon Technologies AG IRFU3707ZPbF Datasheet HTML 8Page - Infineon Technologies AG IRFU3707ZPbF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
 
IRFR/U3707ZPbF
2
2016-5-31
Notes:
Repetitive rating; pulse width limited by max. junction temperature
starting TJ = 25°C, L = 0.58mH, RG = 25, IAS = 12A.
Pulse width
400µs; duty cycle  2%.
Calculated continuous current based on maximum allowable junction temperature. Package limitation current is 30A.

When mounted on 1" square PCB (FR-4 or G-10 Material). For recommended footprint and soldering techniques refer to
application note #AN-994.
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
VGS = 0V, ID = 250µA
V(BR)DSS/TJ
Breakdown Voltage Temp. Coefficient
––– 0.023 –––
V/°C Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
7.5
9.5
m

VGS = 10V, ID = 15A 
–––
10
12.5
VGS = 4.5V, ID = 12A 
VGS(th)
Gate Threshold Voltage
1.35
1.80
2.25
V
VDS = VGS, ID = 25µA
VGS(th)/TJ
Gate Threshold Voltage Temp. Coefficient
–––
-5.0
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
VDS = 24V, VGS = 0V
–––
–––
150
VDS = 24V,VGS = 0V,TJ =125°C
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 20V
Gate-to-Source Reverse Leakage
–––
-100
VGS = -20V
gfs
Forward Trans conductance
71
–––
–––
S
VDS = 15V, ID = 12A
Qg
Total Gate Charge
–––
9.6
14
nC  
Qgs1
Pre-Vth Gate-to-Source Charge
–––
2.6
–––
VDS = 15V
Qgs2
Post-Vth Gate-to-Source Charge
–––
0.90
–––
VGS = 4.5V
Qgd
Gate-to-Drain Charge
–––
3.5
–––
ID = 12A
Qgodr
Gate Charge Overdrive
–––
2.6
–––
See Fig. 16
Qsw
Switch Charge (Qgs2 + Qgd)
–––
4.4
–––
Qoss
Output Charge
–––
5.8
–––
nC  VDS = 15V, VGS = 0V
td(on)
Turn-On Delay Time
–––
8.0
–––
ns
VDD = 16V,VGS = 4.5V 
tr
Rise Time
–––
11
–––
ID = 12A
td(off)
Turn-Off Delay Time
–––
12
–––
Clamped Inductive Load
tf
Fall Time
–––
3.3
–––
Ciss
Input Capacitance
–––
1150
–––
pF  
VGS = 0V
Coss
Output Capacitance
–––
260
–––
VDS = 15V
Crss
Reverse Transfer Capacitance
–––
120
–––
ƒ = 1.0MHz
Avalanche Characteristics
EAS
Single Pulse Avalanche Energy 
42
mJ
IAR
Avalanche Current 
12
A
EAR
Repetitive Avalanche Energy 
5.0
mJ
Parameter
Max.
Units
Diode Characteristics
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
–––
–––
56
A
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
–––
–––
220
integral reverse
(Body Diode)
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.0
V
TJ = 25°C,IS = 12A,VGS = 0V 
trr
Reverse Recovery Time
–––
25
38
ns
TJ = 25°C ,IF = 12A, VDS = 15V
Qrr
Reverse Recovery Charge
–––
17
26
nC
di/dt = 100A/µs 
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com