Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRDM983 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IRDM983
Description  iMOTION??Motion Controller Module for PM AC Fan
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRDM983 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IRDM983 Datasheet HTML 1Page - Infineon Technologies AG IRDM983 Datasheet HTML 2Page - Infineon Technologies AG IRDM983 Datasheet HTML 3Page - Infineon Technologies AG IRDM983 Datasheet HTML 4Page - Infineon Technologies AG IRDM983 Datasheet HTML 5Page - Infineon Technologies AG IRDM983 Datasheet HTML 6Page - Infineon Technologies AG IRDM983 Datasheet HTML 7Page - Infineon Technologies AG IRDM983 Datasheet HTML 8Page - Infineon Technologies AG IRDM983 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
PD19082016
IRDM983-025MB, IRDM983-035MB
Complete Motion Controller Module for PM AC fan
Features
Complete 500V 3-phase inverter system in one
chip
No heat-sink required
Permanent Magnet Sinusoidal Motors Control
by two Hall sensors
Selectable 4 or 12 pulse output per revolution
1)
High efficiency control by quadratic phase
advance curve
Internal clock based on external RC
15V single power supply
3.3V Integrated Voltage Regulator
Dynamic overcurrent limit per temperature
Over-temperature control
Over-speed protection
Rotor lock detection/protection
Full Three Phase Gate Driver
Integrated Bootstrap Diodes
Under-voltage lockout
Typical Applications
Fan motor control
Product Summary
Topology
3 Phase AC
VOFFSET
≤ 500 V for IRDM983-
025MB, IRDM983-035MB
Control
Phase Advancement control
Feedback
DC Bus shunt, 2 Hall sensor
Temperature
sensor
Integrated
Package
12mm x 12mm PQFN
IRDM983-025MB
IRDM983-035MB
High Voltage
Smart IC
VCC
HALL1+
HALL1-
HALL2+
HALL2-
VSP
VBU
VBV
VBW
VBUS
VSS
U
V
W
PG
COM
EFF
XTAL
CLKIN
VDD
DCBUS+
DCBUS-
PG
VSP
Hall Sensor
15V
PGSEL
DIR
DIR
1) When used with 8 poles motor. In general it is 1 pulse / 3 pulses per electrical revolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com