Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRDM983 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # IRDM983
Description  iMOTION??Motion Controller Module for PM AC Fan
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRDM983 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button IRDM983 Datasheet HTML 17Page - Infineon Technologies AG IRDM983 Datasheet HTML 18Page - Infineon Technologies AG IRDM983 Datasheet HTML 19Page - Infineon Technologies AG IRDM983 Datasheet HTML 20Page - Infineon Technologies AG IRDM983 Datasheet HTML 21Page - Infineon Technologies AG IRDM983 Datasheet HTML 22Page - Infineon Technologies AG IRDM983 Datasheet HTML 23Page - Infineon Technologies AG IRDM983 Datasheet HTML 24Page - Infineon Technologies AG IRDM983 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
IRDM983-025MB, IRDM983-035MB
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
20
Lead Definitions
Symbol
Pin #
Description
VSP
10
Voltage Set Point analog input. Provides the value of the PWM modulation index to the controller.
PG
14
Provides speed feedback to through pulses per revolution. It is an open drain output 15V tolerant.
Output is a square wave of a 3 pulses per electrical cycle of fundamental frequency
DIR
15
Motor Direction Input (internally pulled up high = UVW)
EFF
9
Load curve selection parameter Input for efficiency improvement
XTAL
40
Clock buffer output
CLKIN
1
Clock buffer input
VSS
11
Logic ground
COM
16,17
Analog input ITRIP and Power Ground and Low side MOSFET cource
VCC
13
15V supply voltage
HALL1+
4
Hall sensor 1 positive input
HALL1-
3
Hall sensor 1 negative input
HALL2+
6
Hall sensor 2 positive input
HALL2-
5
Hall sensor 2 negative input
TST1
8
Pin for factory testing
– connect to VDD in normal application
TST2
7
Pin for factory testing
– connect to VSS in normal application
VDD
2
3.3V output
U
18,19
U phase output
V
20,21
V phase output
W
22,23,24,
25,26
W phase output
VBU
37
Phase U High side Bootstrap capacitor positive
VBV
38
Phase V High side Bootstrap capacitor positive
VBW
39
Phase W High side Bootstrap capacitor positive
VSU
36
Phase U High side Bootstrap capacitor negative
VSV
35
Phase V High side Bootstrap capacitor negative
VSW
34
Phase W High side Bootstrap capacitor negative
DCBUS
27,28,29,
30,31,32,
33
DC Bus voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com