Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A918BY-R56N Datasheet(PDF) 1 Page - TOKO, Inc

Part # A918BY-R56N
Description  Ferrite Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

A918BY-R56N Datasheet(HTML) 1 Page - TOKO, Inc

  A918BY-R56N Datasheet HTML 1Page - TOKO, Inc A918BY-R56N Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D62LCB
Inductance Range: 0.56~47
H(D62LCB),
(Unit: mm)
Note (*) D62LCB; 2.0mm Max. height
FEATURES
特長
 Low profile (6.2  6.3mm Max. square, 2.0mm Max.
height).
 Magnetically shielded construction and low DC resistance.
 Suitable for large currents.
 Ideal for a variety of DC-DC converter inductor applications.
 小型薄形構造(6.2  6.3mm角Max. 高さ2.0mm Max.)
 閉磁路構造、低直流抵抗
 大電流対応
 各種機器のDC-DCコンバータ用インダクタに最適
STANDARD PART NUMBERS
標準品一覧
TYPE D62LCB (Low DC resistance Type 低直流抵抗タイプ,Quantity/reel; 1,500 PCS)
品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
DC
Resistance
(2)
(m
) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
Temperature
Rise Current
(3)
T=40C
(A) Max. (Typ.)
=10%
=30%
#A918CY-1R0M=P3
1.0
 20
17 (14)
2.97 (3.95)
3.50 (4.67)
3.70 (4.35)
#A918CY-1R5M=P3
1.5
 20
21 (17)
2.48 (3.30)
2.94 (3.92)
3.17 (3.74)
#A918CY-2R0M=P3
2.0
 20
29 (24)
2.06 (2.74)
2.47 (3.30)
2.47 (2.91)
#A918CY-3R3M=P3
3.3
 20
47 (39)
1.65 (2.20)
1.99 (2.65)
2.10 (2.47)
#A918CY-4R7M=P3
4.7
 20
66 (55)
1.33 (1.77)
1.59 (2.11)
1.63 (1.93)
#A918CY-6R2M=P3
6.2
 20
74 (62)
1.25 (1.67)
1.49 (1.99)
1.53 (1.81)
#A918CY-8R2M=P3
8.2
 20
102 (85)
1.03 (1.38)
1.25 (1.66)
1.31 (1.54)
#A918CY-100M=P3
10
 20
118 (98)
1.01 (1.35)
1.22 (1.62)
1.15 (1.36)
#A918CY-120M=P3
12
 20
154 (128)
0.82 (1.10)
0.99 (1.32)
1.17 (1.38)
#A918CY-150M=P3
15
 20
179 (149)
0.79 (1.06)
0.94 (1.25)
0.87 (1.03)
#A918CY-180M=P3
18
 20
207 (172)
0.70 (0.93)
0.83 (1.11)
0.95 (1.12)
#A918CY-220M=P3
22
 20
253 (211)
0.67 (0.89)
0.80 (1.06)
0.78 (0.92)
#A918CY-270M=P3
27
 20
331 (275)
0.55 (0.73)
0.65 (0.87)
0.68 (0.81)
#A918CY-330M=P3
33
 20
368 (306)
0.54 (0.72)
0.63 (0.85)
0.64 (0.76)
#A918CE-390M=P3
39
 20
473 (394)
0.46 (0.61)
0.55 (0.73)
0.59 (0.70)
#A918CE-470M=P3
47
 20
542 (452)
0.42 (0.57)
0.50 (0.67)
0.55 (0.65)
Continued on next page
次頁へ続く
L
L
L
L
Recommended patterns
推奨パターン図
Ferrite Inductors
フェライトインダクタ


Similar Part No. - A918BY-R56N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
A918CY-4R7M AD-A918CY-4R7M Datasheet
279Kb / 22P
Thermoelectric Cooler Controller
REV. D
More results

Similar Description - A918BY-R56N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DEM3518C TOKO-DEM3518C_16 Datasheet
250Kb / 1P
Ferrite Inductors
DEM2815C TOKO-DEM2815C_16 Datasheet
256Kb / 1P
Ferrite Inductors
DEM2812C TOKO-DEM2812C_16 Datasheet
252Kb / 1P
Ferrite Inductors
DEM8040C TOKO-DEM8040C_16 Datasheet
317Kb / 1P
Ferrite Inductors
DEM8030C TOKO-DEM8030C_16 Datasheet
280Kb / 1P
Ferrite Inductors
DEM4514C TOKO-DEM4514C_16 Datasheet
285Kb / 1P
Ferrite Inductors
DS104C2 TOKO-DS104C2_16 Datasheet
254Kb / 1P
Ferrite Inductors
DG6050C TOKO-DG6050C_16 Datasheet
253Kb / 1P
Ferrite Inductors
DG6045C TOKO-DG6045C_16 Datasheet
261Kb / 1P
Ferrite Inductors
D53LC TOKO-D53LC_16 Datasheet
268Kb / 1P
Ferrite Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com