Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A918BY-R56N Datasheet(PDF) 2 Page - TOKO, Inc

Part # A918BY-R56N
Description  Ferrite Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

A918BY-R56N Datasheet(HTML) 2 Page - TOKO, Inc

  A918BY-R56N Datasheet HTML 1Page - TOKO, Inc A918BY-R56N Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
continued from previous page
前頁より続く
STANDARD PART NUMBERS
標準品一覧
TYPE D62LCB (High current Type 大電流タイプ, Quantity/reel; 1,500 PCS)
品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
DC
Resistance
(2)
(m
) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
Temperature
Rise Current
(3)
T=40C
(A) Max. (Typ.)
=10%
=30%
#A918BY-R56N=P3
0.56
 30
18 (14)
5.9 (7.9)
7.1 (9.4)
4.3 (5.0)
#A918BY-R91N=P3
0.91
 30
25 (21)
4.6 (6.1)
5.7 (7.4)
3.4 (4.0)
#A918BY-1R3N=P3
1.3
 30
29 (24)
3.8 (5.1)
4.8 (6.3)
3.1 (3.7)
#A918BY-1R8N=P3
1.8
 30
42 (35)
3.2 (4.2)
3.9 (5.2)
2.5 (3.0)
#A918BY-2R4N=P3
2.4
 30
50 (42)
2.9 (3.8)
3.5 (4.6)
2.3 (2.7)
#A918BY-3R3N=P3
3.3
 30
64 (53)
2.4 (3.2)
3.0 (4.0)
2.0 (2.4)
#A918BY-3R9N=P3
3.9
 30
86 (72)
2.2 (2.9)
2.7 (3.5)
1.7 (2.0)
#A918BY-4R7M=P3
4.7
 20
107 (89)
2.0 (2.7)
2.4 (3.2)
1.5 (1.8)
#A918BY-5R6M=P3
5.6
 20
130 (110)
1.9 (2.5)
2.2 (3.0)
1.3 (1.5)
(1)Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 100kHz
(2) DC resistance is measured with 34420A (Agilent Technologies) or
3541(HIOKI). (Reference ambient temperature 25°C)
(3) Maximum allowable DC current is that which causes a 30%
inductance reduction from the initial value, or coil temperature to
rise by 40°C, whichever is smaller. (Reference ambient
temperature 20°C)
(1) インダクタンスはLCRメータ4284A(Agilent Technologies)
または同等品により測定する。
測定周波数は100kHz。
(2) 直流抵抗は測定器34420A(Agilent Technologies)または3541
(HIOKI)と同等品により測定する。(周囲温度25°C)
(3) 最大許容電流は、直流重畳電流を流した時インダクタンスの値が
初期値より30%減少する直流電流値、または直流電流により、
コイルの温度が40°C上昇の何れか小さい値。(周囲温度20°Cを
基準とする。)
L
L
L
L
Ferrite Inductors
フェライトインダクタ



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com