Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2M Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # GS2M
Description  2.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

GS2M Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  GS2M Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. GS2M Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.0AMP SURFACE MOUNT GLASS RECOVERY
RECTIFIER
@T =100
@T =25
@T =75
RRM
Classification Rating 94V-0
1.1
plastic SMA
2.Thermal
1.
2)
1)
2.0
@IF=2.0A
to+150
GS2A THRU GS2M
Features
Mechanical Data
·
Case: Molded
·
Terminals: Plated leads solderable per
MIL-STD-750,Method 2026 guaranteed
·
Polarity: Color band dentes cathode end
·
Mounting Position: Any
·
Making: Type Number
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
Type Number
SYMBOL GS2A
GS2B
GS2D
GS2G GS2J
GS2K GS2M Unit
Maximum Recurrent Peak Reverse Voltage
V
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Average Rectified Output Current
℃
IO
A
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
60
A
Forward Voltage
VFM
V
Peak Reverse Current
℃
IR
5.0
uA
At Rated DC Blocking Voltage
℃
500
Typical Junction Capacitance (Note
12
pF
Typical Thermal Resistance Junction to
Ambient(Note
Rθ JA
50
Operating Temperature Range
-55
℃
Storage Temperature Range
TSTG
-55 to +150
℃
Note:
Resistance from Junction to Ambient at 0.375(9.5mm) lead length .
Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C
version:01
1of2
For surface mounted application
·
Low forward voltage drop
·
High current capability
·
High reliability
·
· Plastic Case Material has UL Flammability
A
A
A
CJ
TJ
W
℃/
SMA/DO-214AC
0.086(2.62)
0.059(1.50)
0.051(1.30)
0.110(2.80)
0.094(2.40)
0.181(4.60)
0.157(4.00)
0.079(2.00)
0.060(1.52)
0.030(0.76)
0.208(5.28)
0.188(4.80)
0.012(0.305)
0.006(0.150)
0.008(0.203)
0.002(0.051)
Dimensions in inches and (millimeters)
0.010(0.25)
0.004(0.1)
www.dyelec.com


Similar Part No. - GS2M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GS2M MCC-GS2M Datasheet
838Kb / 3P
2.0 Amp Silicon Rect.0 Amp Silicon Rectifier 50 to 1000 Voltsifier 50 to 1000 OLTS
logo
Gulf Semiconductor
GS2M GULFSEMI-GS2M Datasheet
164Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
logo
Micro Commercial Compon...
GS2M MCC-GS2M Datasheet
255Kb / 4P
2.0 Amp Silicon Rectifier 50 to 1000 Volts
logo
Compact Technology Corp...
GS2M CTC-GS2M Datasheet
90Kb / 2P
GENERAL PURPOSE RECTIFIERS
logo
Microdiode Semiconducto...
GS2M CHENDA-GS2M Datasheet
836Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
More results

Similar Description - GS2M

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
E2A DYELEC-E2A Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
E2AN DYELEC-E2AN Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
ES2A DYELEC-ES2A Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
ES2AN DYELEC-ES2AN Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
G2A DYELEC-G2A Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
G2AN DYELEC-G2AN Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
GS2AN DYELEC-GS2AN Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
R2AN DYELEC-R2AN Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
RS2A DYELEC-RS2A Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
RS2AN DYELEC-RS2AN Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com