Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL316J Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # HCPL316J
Description  2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL316J Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button HCPL316J Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 16Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 17Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
13
Figure 12. ICC2 vs. VCC2.
Figure 13. ICHG vs. Temperature.
Figure 14. IE vs. Temperature.
Figure 15. IC vs. IOUT.
Figure 16. DESAT Threshold vs.
Temperature.
Figure 17. Propagation Delay vs.
Temperature.
Figure 18. Propagation Delay vs.
Supply Voltage.
Figure 19. VIN to High Propagation
Delay vs. Temperature.
Figure 20. VIN to Low Propagation
Delay vs. Temperature.
15
2.35
VCC2 – OUTPUT SUPPLY VOLTAGE – V
30
2.55
2.50
2.60
20
2.40
25
2.45
ICC2H
ICC2L
-40
-0.30
TA – TEMPERATURE – °C
100
-20
-0.15
020
40
80
60
-0.25
-0.20
-40
6.0
TA – TEMPERATURE – °C
100
-20
7.5
020
40
80
60
7.0
6.5
-40
0.2
TA – TEMPERATURE – °C
100
-20
0.5
020
40
80
60
0.4
0.3
tPHL
tPLH
15
0.20
VCC – SUPPLY VOLTAGE – V
30
0.40
20
25
0.25
0.30
0.35
tPHL
tPLH
0.25
TEMPERATURE – °C
0.45
0
50
100
0.30
0.35
0.40
VCC1 = 5.5 V
VCC1 = 5.0 V
VCC1 = 4.5 V
-50
0.25
TEMPERATURE – °C
0.50
0
50
100
0.40
0.45
VCC1 = 5.5 V
VCC1 = 5.0 V
VCC1 = 4.5 V
0.30
0.35
-50
-40
0.30
TA – TEMPERATURE – °C
100
-20
0.50
020
40
80
IEH
IEL
60
0.40
0.45
0.35
0
0
IOUT (mA)
2.0
4
0.5
1.0
1.5
2
3
1
-40°C
+25°C
+100°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com