Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL316J Datasheet(PDF) 28 Page - Agilent(Hewlett-Packard)

Part # HCPL316J
Description  2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL316J Datasheet(HTML) 28 Page - Agilent(Hewlett-Packard)

Back Button HCPL316J Datasheet HTML 24Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 25Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 26Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 27Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 28Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 29Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 30Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 31Page - Agilent(Hewlett-Packard) HCPL316J Datasheet HTML 32Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
28
RC + RG = [VCC2 – VOH – (VEE)]
IOH,PEAK
= [4 V – (-5 V)]
0.5 A
= 18
Ω
➯ RC = 8 Ω
See “Power and Layout
Considerations” section for more
information on calculating value
of RG.
Figure 73a. Safe Hardware Reset for Non-Inverting
Input Configuration (Automatically Resets for Every
VIN+ Input).
User-Configuration of the
HCPL-316J Output Side
RG and Optional Resistor RC:
The value of the gate resistor RG
(along with VCC2 and VEE)
determines the maximum amount
of gate-charging/discharging
current (ION,PEAK and IOFF,PEAK)
and thus should be carefully
chosen to match the size of the
IGBT being driven. Often it is
desirable to have the peak gate
charge current be somewhat less
Figure 73b. Safe Hardware Reset for Non-Inverting Input
Configuration.
Figure 73d. Safe Hardware Reset for Inverting Input
Configuration (Automatically Resets for Every VIN-
Input).
Figure 73c. Safe Hardware Reset for Inverting Input
Configuration.
than the peak discharge current
(ION,PEAK < IOFF,PEAK). For this
condition, an optional resistor
(RC) can be used along with RG
to independently determine
ION,PEAK and IOFF,PEAK without
using a steering diode. As an
example, refer to Figure 74.
Assuming that RG is already
determined and that the design
IOH,PEAK = 0.5 A, the value of RC
can be estimated in the following
way:
1
2
3
4
5
6
7
8
VIN+
VIN-
VCC1
GND1
RESET
FAULT
VLED1+
VLED1-
HCPL-316J
µC
VCC
VIN+/
RESET
FAULT
1
2
3
4
5
6
7
8
VIN+
VIN-
VCC1
GND1
RESET
FAULT
VLED1+
VLED1-
HCPL-316J
µC
VCC
RESET
FAULT
VIN+
1
2
3
4
5
6
7
8
VIN+
VIN-
VCC1
GND1
RESET
FAULT
VLED1+
VLED1-
HCPL-316J
µC
VCC
RESET
FAULT
VIN-
VCC
1
2
3
4
5
6
7
8
VIN+
VIN-
VCC1
GND1
RESET
FAULT
VLED1+
VLED1-
HCPL-316J
µC
VCC
RESET
FAULT
VIN-
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com