Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC705MY Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC705MY
Description  關P Supervisory Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC705MY Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC705MY Datasheet HTML 1Page - Micrel Semiconductor MIC705MY Datasheet HTML 2Page - Micrel Semiconductor MIC705MY Datasheet HTML 3Page - Micrel Semiconductor MIC705MY Datasheet HTML 4Page - Micrel Semiconductor MIC705MY Datasheet HTML 5Page - Micrel Semiconductor MIC705MY Datasheet HTML 6Page - Micrel Semiconductor MIC705MY Datasheet HTML 7Page - Micrel Semiconductor MIC705MY Datasheet HTML 8Page - Micrel Semiconductor MIC705MY Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MIC705/706/707/708
µP Supervisory Circuit
General Description
The
MIC705,
MIC706,
MIC707,
and
MIC708
are
inexpensive
microprocessor
supervisory
circuits
that
monitor power supplies in microprocessor-based systems.
The
circuit
functions
include
a
watchdog
timer,
microprocessor
reset,
power-failure
warning,
and
a
debounced manual reset input.
The MIC705 and MIC706 offer a watchdog timer function
while the MIC707 and MIC708 have an active-high reset
output in addition to the active-low reset output.
Supply voltage monitor levels of 4.65V and 4.4V are
available. The MIC705 and MIC707 have a nominal reset
threshold level of 4.65V while the MIC706 and MIC708
have a 4.4V nominal reset threshold level. When the
supply voltage drops below the respective reset threshold
level, /RESET is asserted.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Features
• Debounced manual reset input is TTL/CMOS
compatible
• Reset pulse width: 200ms
• Watchdog timer: 1.6s (MIC705/706)
• 4.65V or 4.40V precision voltage monitor
• Early power-fail warning or low-battery detect
Applications
• Automotive systems
• Intelligent systems
• Critical microprocessor power monitoring
• Battery-powered computers
• Computers
• Controllers
Typical Application
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
September 15, 2014
Revision 2.1


Similar Part No. - MIC705MY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC705 MICREL-MIC705 Datasheet
177Kb / 8P
Supervisory Circuits
MIC705 MICREL-MIC705 Datasheet
180Kb / 7P
關P Supervisory Circuit
MIC705 MICREL-MIC705 Datasheet
180Kb / 7P
uP Supervisory Circuit
MIC705 MICREL-MIC705_06 Datasheet
180Kb / 7P
關P Supervisory Circuit
More results

Similar Description - MIC705MY

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC1832 IMPALA-ILC1832 Datasheet
78Kb / 5P
關P SUPERVISORY CIRCUIT
logo
Micrel Semiconductor
MIC1232 MICREL-MIC1232 Datasheet
162Kb / 8P
關P Supervisory Circuit
MIC1832 MICREL-MIC1832 Datasheet
164Kb / 8P
關P Supervisory Circuit
MIC706P MICREL-MIC706P_06 Datasheet
159Kb / 7P
關P Supervisory Circuit
logo
PulseCore Semiconductor
ASM161 PULSECORE-ASM161 Datasheet
189Kb / 9P
關P Supervisory Circuit
logo
Micrel Semiconductor
MIC705 MICREL-MIC705_06 Datasheet
180Kb / 7P
關P Supervisory Circuit
MIC1232 MICREL-MIC1232_06 Datasheet
147Kb / 6P
關P Supervisory Circuit
MIC1832 MICREL-MIC1832_06 Datasheet
149Kb / 7P
關P Supervisory Circuit
MIC706R MICREL-MIC706R_11 Datasheet
163Kb / 7P
關P Supervisory Circuit
MIC708TMY MICREL-MIC708TMY Datasheet
451Kb / 10P
關P Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com