Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC125A Datasheet(PDF) 1 Page - ON Semiconductor

Part # HC125A
Description  Quad 3-State Noninverting Buffers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HC125A Datasheet(HTML) 1 Page - ON Semiconductor

  HC125A Datasheet HTML 1Page - ON Semiconductor HC125A Datasheet HTML 2Page - ON Semiconductor HC125A Datasheet HTML 3Page - ON Semiconductor HC125A Datasheet HTML 4Page - ON Semiconductor HC125A Datasheet HTML 5Page - ON Semiconductor HC125A Datasheet HTML 6Page - ON Semiconductor HC125A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2014
August, 2014 − Rev. 15
1
Publication Order Number:
MC74HC125A/D
MC74HC125A,
MC74HC126A
Quad 3-State Noninverting
Buffers
High−Performance Silicon−Gate CMOS
The MC74HC125A and MC74HC126A are identical in pinout to
the LS125 and LS126. The device inputs are compatible with standard
CMOS outputs; with pullup resistors, they are compatible with
LSTTL outputs.
The HC125A and HC126A noninverting buffers are designed to be
used with 3−state memory address drivers, clock drivers, and other
bus−oriented systems. The devices have four separate output enables
that are active−low (HC125A) or active−high (HC126A).
Features
• Output Drive Capability: 15 LSTTL Loads
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 mA
• High Noise Immunity Characteristic of CMOS Devices
• In Compliance with the JEDEC Standard No. 7 A Requirements
• Chip Complexity: 72 FETs or 18 Equivalent Gates
• NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
LOGIC DIAGRAM
HC125A
Active−Low Output Enables
HC126A
Active−High Output Enables
Y1
Y2
Y4
3
6
8
11
13
12
10
9
4
5
1
2
A1
OE1
A2
OE2
A3
OE3
A4
OE4
PIN 14 = VCC
PIN 7 = GND
A1
OE1
A2
OE2
A3
OE3
A4
OE4
Y3
Y1
Y2
Y4
Y3
13
12
10
9
4
5
1
23
6
8
11
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
MARKING DIAGRAMS
x
= 5, 6
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW
= Work Week
G or
G
= Pb−Free Package
TSSOP−14
DT SUFFIX
CASE 948G
SOIC−14 NB
D SUFFIX
CASE 751A
HC12xAG
AWLYWW
1
14
HC
12xA
ALYW
G
G
1
14
(Note: Microdot may be in either location)
TSSOP−14
SOIC−14 NB
PIN ASSIGNMENT
11
12
13
14
8
9
10
5
4
3
2
1
7
6
OE3
Y4
A4
OE4
VCC
Y3
A3
OE2
Y1
A1
OE1
GND
Y2
A2
FUNCTION TABLE
HC125A
Inputs
Output
AOE
Y
HL
H
LL
L
XH
Z
HC126A
Inputs
Output
AOE
Y
HH
H
LH
L
XL
Z


Similar Part No. - HC125A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HC125 PHILIPS-HC125 Datasheet
78Kb / 16P
Quad buffer/line driver; 3-state
1999 Sep 27
logo
STMicroelectronics
HC125 STMICROELECTRONICS-HC125 Datasheet
61Kb / 8P
QUAD BUS BUFFERS 3-STATE
Jun-1999
logo
Texas Instruments
HC125 TI-HC125 Datasheet
36Kb / 7P
High Speed CMOS Logic Quad Buffer, Three-State
logo
Toshiba Semiconductor
HC125 TOSHIBA-HC125 Datasheet
243Kb / 7P
QUAD BUS BUFFER
logo
System Logic Semiconduc...
HC125 SLS-HC125 Datasheet
45Kb / 5P
Quad 3-State Noninverting Buffers
More results

Similar Description - HC125A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC125A ONSEMI-MC74HC125A Datasheet
171Kb / 8P
Quad 3-State Noninverting Buffers
March, 2000 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC125 SLS-SL74HC125 Datasheet
45Kb / 5P
Quad 3-State Noninverting Buffers
logo
Integral Corp.
IN74HCT125A INTEGRAL-IN74HCT125A Datasheet
136Kb / 5P
QUAD 3-STATE NONINVERTING BUFFERS
logo
KODENSHI_AUK CORP.
KK74VHCT126 KODENSHI-KK74VHCT126 Datasheet
280Kb / 7P
Quad 3-State Noninverting Buffers
KK74VHCT125 KODENSHI-KK74VHCT125 Datasheet
279Kb / 7P
Quad 3-State Noninverting Buffers
logo
IK Semicon Co., Ltd
IN74HC125A IKSEMICON-IN74HC125A Datasheet
201Kb / 6P
Quad 3-State Noninverting Buffers
IN74VHC126 IKSEMICON-IN74VHC126 Datasheet
285Kb / 7P
QUAD 3-STATE NONINVERTING BUFFERS
IN74VHCT125 IKSEMICON-IN74VHCT125 Datasheet
268Kb / 7P
Quad 3-State Noninverting Buffers
IN74VHCT126 IKSEMICON-IN74VHCT126 Datasheet
269Kb / 7P
Quad 3-State Noninverting Buffers
logo
ON Semiconductor
MC74HC126ANG ONSEMI-MC74HC126ANG Datasheet
148Kb / 8P
Quad 3-State Noninverting Buffers
May, 2013 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com