Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC125A Datasheet(PDF) 4 Page - ON Semiconductor

Part # HC125A
Description  Quad 3-State Noninverting Buffers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HC125A Datasheet(HTML) 4 Page - ON Semiconductor

  HC125A Datasheet HTML 1Page - ON Semiconductor HC125A Datasheet HTML 2Page - ON Semiconductor HC125A Datasheet HTML 3Page - ON Semiconductor HC125A Datasheet HTML 4Page - ON Semiconductor HC125A Datasheet HTML 5Page - ON Semiconductor HC125A Datasheet HTML 6Page - ON Semiconductor HC125A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC74HC125A, MC74HC126A
http://onsemi.com
4
SWITCHING WAVEFORMS
Figure 1.
Figure 2.
OUTPUT Y
50%
50%
50%
50%
90%
10%
VCC
VCC
GND
GND
HIGH
IMPEDANCE
VOL
VOH
OUTPUT Y
OUTPUT Y
OE (HC125A)
OE (HC126A)
tPZL
tPLZ
tPZH tPHZ
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 3. Test Circuit
*Includes all probe and jig capacitance
Figure 4. Test Circuit
OUTPUT
TEST POINT
CL *
1 k
W
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ and tPZH.
DEVICE
UNDER
TEST
HIGH
IMPEDANCE
90%
10%
50%
90%
50%
10%
VCC
GND
tf
tr
tPLH
tPHL
tTLH
tTHL
INPUT A
HC125A
(1/4 OF THE DEVICE)
HC126A
(1/4 OF THE DEVICE)
OE
A
VCC
Y
OE
A
VCC
Y



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com