Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2702 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2702
Description  TFT Panel Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2702 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2702 Datasheet HTML 1Page - National Semiconductor (TI) LM2702 Datasheet HTML 2Page - National Semiconductor (TI) LM2702 Datasheet HTML 3Page - National Semiconductor (TI) LM2702 Datasheet HTML 4Page - National Semiconductor (TI) LM2702 Datasheet HTML 5Page - National Semiconductor (TI) LM2702 Datasheet HTML 6Page - National Semiconductor (TI) LM2702 Datasheet HTML 7Page - National Semiconductor (TI) LM2702 Datasheet HTML 8Page - National Semiconductor (TI) LM2702 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Pin Functions
Vcom+(Pin 1): Positive input terminal of Vcom amplifier.
Vcom−(Pin 2): Negative input terminal of Vcom amplifier.
Vcom(Pin 3): Output terminal of Vcom amplifier.
Delay(Pin 4): PMOS switch delay control pin. See Operation
section for setting the delay time.
The delay time begins when the output voltage of the DC/DC
switching regulator reaches 85% of its true output voltage.
This corresponds to a FB voltage of about 1.1V. The PMOS
switch is controlled with both the delay time and the switch
control pin, SWC. If no Cdelay capacitor is used, the PMOS
switch is controlled solely with the SWC pin.
Css(Pin 5): Softstart pin. Connect capacitor to Css pin and
AGND plane to slowly ramp inductor current on startup. See
Operation section for setting the softstart time.
V
C(Pin 6): Compensation Network for Boost switching regu-
lator. Connect resistor/capacitor network between V
C pin
and AGND for boost switching regulator AC compensation.
FB(Pin 7): Feedback pin. Set the output voltage by selecting
values of R1 and R2 using:
Connect the ground of the feedback network to the AGND
plane, which should be tied directly to the GND pin.
GND(Pin 8): Ground connect for LM2702. Connect all sen-
sitive circuitry, ie. feedback resistors, softstart capacitor, de-
lay capacitor, and compensation network to a dedicated
AGND plane which connects directly to this pin. Connect all
power ground components to a PGND plane which should
also connect directly to this pin. Please see Layout Consid-
erations under the Operation section for more details on
layout suggestions.
SW(Pin 9): This is the drain of the internal NMOS power
switch. Minimize the metal trace area connected to this pin to
minimize EMI.
V
IN(Pin 10): Input Supply Pin. Bypass this pin with a capaci-
tor as close to the device as possible. The capacitor should
connect between V
IN and GND.
SWI(Pin 11): PMOS switch input. Source connection of
PMOS device.
SWO(Pin 12): PMOS switch output. Drain connection of
PMOS device.
SWC(Pin13): PMOS switch control pin. This pin creates an
AND function with the delay time after the output of the
switching regulator has reached 85% of its nominal value. To
ensure the PMOS switch is in the correct state, apply a
voltage above 1.5V to this pin to turn on the PMOS switch
and apply a voltage below 0.7V to turn off the PMOS switch.
AV
IN(Pin 14): Supply pin for the Vcom opamp and the
Gamma buffer. Bypass this pin with a capacitor as close to
the device as possible, about 100nF. The capacitor should
connect between AV
IN and PGND.
GMA(Pin 15): Gamma Buffer output pin.
GMA+(Pin 16): Gamma Buffer input pin.
Ordering Information
Order Number
Package Type
NSC Package Drawing
Supplied As
LM2702MT-ADJ
TSSOP-16
MTC16
73 Units, Rail
LM2702MTX-ADJ
TSSOP-16
MTC16
2500 Units, Tape and Reel
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com