Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2702 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2702
Description  TFT Panel Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2702 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2702 Datasheet HTML 7Page - National Semiconductor (TI) LM2702 Datasheet HTML 8Page - National Semiconductor (TI) LM2702 Datasheet HTML 9Page - National Semiconductor (TI) LM2702 Datasheet HTML 10Page - National Semiconductor (TI) LM2702 Datasheet HTML 11Page - National Semiconductor (TI) LM2702 Datasheet HTML 12Page - National Semiconductor (TI) LM2702 Datasheet HTML 13Page - National Semiconductor (TI) LM2702 Datasheet HTML 14Page - National Semiconductor (TI) LM2702 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Typical Performance Characteristics (Continued)
Internal Soft Start and PMOS Delay
External Soft Start and PMOS Delay
20051161
VOUT = 8V, VIN = 2.5V, RLOAD =40Ω,CSS = none
CD = 100nF, RSW = 10k\1.5k, SWI = 30V, SWC = VIN
1) VIN, 2V/div, DC
2) VOUT, 10V/div, DC
3) IL, 500mA/div, DC
4) SWO, 20V/div, DC
T = 5ms/div
20051162
VOUT = 8V, VIN = 2.5V, RLOAD =40Ω,CSS = 330nF
CD = 100nF, RSW = 10k\1.5k, SWI = 30V, SWC = VIN
1) VIN, 2V/div, DC
2) VOUT, 10V/div, DC
3) IL, 500mA/div, DC
4) SWO, 20V/div, DC
T = 5ms/div
Input Offset Voltage vs. Common Mode Voltage
(Vcom, 3 units)
Input Offset Voltage vs. Common Mode Voltage
(Vcom Over Temperature)
20051174
20051175
Input Offset Voltage vs. Common Mode Voltage
(Gamma, 3 units)
Input Offset Voltage vs. Common Mode Voltage
(Gamma Over Temperature)
20051176
20051177
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com