Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT1697SB Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # VT1697SB
Description  Increased Power Density with Fewer External Components
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VT1697SB Datasheet(HTML) 2 Page - Maxim Integrated Products

  VT1697SB Datasheet HTML 1Page - Maxim Integrated Products VT1697SB Datasheet HTML 2Page - Maxim Integrated Products VT1697SB Datasheet HTML 3Page - Maxim Integrated Products VT1697SB Datasheet HTML 4Page - Maxim Integrated Products VT1697SB Datasheet HTML 5Page - Maxim Integrated Products VT1697SB Datasheet HTML 6Page - Maxim Integrated Products VT1697SB Datasheet HTML 7Page - Maxim Integrated Products VT1697SB Datasheet HTML 8Page - Maxim Integrated Products VT1697SB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Maxim Integrated Products, Inc.
VT1697SB
Ordering Information
ABSOLUTE MAXIMUM RATINGS1
Supply Voltage (12V) ........................................... -0.3V to 16V
Supply & Input Pin Voltages (1.8V) .................... -0.3V to 2.5V
Switching Node Voltage (VX) DC ........................ -0.3V to 16V
Switching Node Voltage (VX) 25ns2 ..................... -10V to 23V
VDDH Pin - VX Pin Differential 25ns
4 .................... -10V to 23V
BST Pin (BST) DC............................................... -0.3V to 20V
BST Pin (BST) 25ns ............................................ -6.0V to 27V
BST Pin - VX Pin Differential ............................................2.5V
Operating Junction Temperature (TJ) ............................ 150°C
Storage Temperature Range ..........................-65°C to 150°C
Peak Reflow Temperature.............................................. 260°C
OPERATING RATINGS
VDD, VCC.......................................................... 1.71V to 1.98V
12V Supply (VDDH) ............................................ 8.5V to 14.0V
Junction Temperature (TJ) ...............................-40°C to 125°C
Frequency (Fsw).........................................300kHz to 1.3MHz
THERMAL RATINGS
VT1697SB
JC Max .................................................0.42°C/W
Note 1: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Note 2: The 25ns rating is the allowable voltage that the VX node may exceed the -0.3V to 16V ratings in either positive or negative direction for up to
25ns per cycle.
Note 3: These products are completely Halogen-free and Pb-free, employing special materials sets: molding compounds/die attach materials and 100%
matte tin plate including anneal. These products are RoHS compliant with an -e3 termination finish and are compatible with both SnPb and Pb-
free soldering operations. These products are MSL classified at peak reflow temperatures that meet JEDEC JSTD-020.
Note 4: The VDDH input pin voltage AC should not exceed 19V (25ns). This measurement is taken at the VDDH pin referenced to VSS pin immediately
adjacent using a high frequency scope probe with ILOAD at IMAX. A high-frequency input bypass capacitor must be located less than 60mils
(1.524mm) from the VDDH pin and the Maxim device per our design guidelines.
Part Number
Description
Package
Drawing Number
Shipping Method
Package Marking
RoHS Compliant3
VT1697SBFQX
55A smart slave
Device
QFN-16
[Type G]
ES AP-2896
2.5ku Tape & Reel
VT1697SBF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com