Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT1697SB Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # VT1697SB
Description  Increased Power Density with Fewer External Components
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VT1697SB Datasheet(HTML) 1 Page - Maxim Integrated Products

  VT1697SB Datasheet HTML 1Page - Maxim Integrated Products VT1697SB Datasheet HTML 2Page - Maxim Integrated Products VT1697SB Datasheet HTML 3Page - Maxim Integrated Products VT1697SB Datasheet HTML 4Page - Maxim Integrated Products VT1697SB Datasheet HTML 5Page - Maxim Integrated Products VT1697SB Datasheet HTML 6Page - Maxim Integrated Products VT1697SB Datasheet HTML 7Page - Maxim Integrated Products VT1697SB Datasheet HTML 8Page - Maxim Integrated Products VT1697SB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
19-7030; Rev 4; 11/14
Maxim Integrated Products, Inc.
1
VT1697SB
SMART SLAVE IC WITH INTEGRATED CURRENT
AND TEMPERATURE SENSORS
The VT1697SB is a feature-rich smart slave IC designed to work
with Maxim’s seventh-generation masters to implement a high-
density multiphase voltage regulator. Up to six smart slave ICs,
plus a master IC, provide a compact synchronous buck converter
that includes accurate individual phase-current and temperature
reporting via SMBus/PMBus. This smart slave device includes
protection circuits for overtemperature, VX short, all power sup-
plies UVLO faults and main power supply OVLO fault. If a fault is
detected, the slave IC will immediately shut down and send a fault
signal to the master IC.
Monolithic integration and advanced packaging technologies allow
practical per-phase, high switching frequencies with significantly
lower losses than alternative implementations. Smart slave
devices are designed to support phase-shedding and DCM
modes for efficiency optimization over a wide range of load cur-
rents. High per-phase current-capability designs with low COUT
enable a design with fewer phases and a smaller footprint.
The VT1697SB is packaged in a QFN package with exposed top-
side thermal pads. Top-side cooling allows improved heat transfer
to ambient and reduces PC board and component temperatures.
Figure 1: Basic Application Circuit
FEATURES AND BENEFITS
•
Increased Power Density with Fewer External Components
– Monolithic Integration For Reduced Parasitics
– 4-Phase Scalable Architecture Compatible with Coupled
Inductors
– 94% Peak Efficiency
– Top-Side Cooling For Improved Heat Transfer To Ambient
•
Accurate Telemetry and Monitoring Provides Real-Time
Reporting of Critical Parameters
– PMBus Compliant Interface via Master Controller for Telemetry
and Power Management
– Junction Temperature Monitoring & Reporting
– Per-Phase Current Reporting
•
Advanced Self-Protection Features Protects System and IC
– Overcurrent Protection
– Overtemperature Protection
– Boost Voltage UVLO
– VX Short Protection
APPLICATIONS
•
Communication and Networking Equipment
•
Servers and Storage Equipment
•
High-Current Voltage Regulators
– Networking ASICs
– FPGAs
– Microprocessor Chipsets
– Memory
Device Type
Operating
Current
Input Voltage
VT1697SB
55A Per Phase
8.5V to 14.0V
Control1
I
SENSE1
I
SENSE2
I
SENSE3
V
OUT
Control2
Control6
Sense+
Sense-
T
SENSE1
T
SENSE2
T
SENSE6
SVID
SMBus
Multiphase
Master
VT1697SB
VT1697SB
VT1697SB


Similar Part No. - VT1697SB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
VT1697SB AD-VT1697SB Datasheet
599Kb / 12P
Smart Slave IC with Integrated Current and Temperature Sensors
Rev 4; 3/17
VT1697SBFQX AD-VT1697SBFQX Datasheet
599Kb / 12P
Smart Slave IC with Integrated Current and Temperature Sensors
Rev 4; 3/17
More results

Similar Description - VT1697SB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40106BPWRE4 TI-CD40106BPWRE4 Datasheet
1Mb / 17P
Schmitt-trigger action with no external components
logo
IK Semicon Co., Ltd
ILA7052N IKSEMICON-ILA7052N Datasheet
149Kb / 3P
No external components
ILA7053N IKSEMICON-ILA7053N Datasheet
330Kb / 6P
No external components
ILA7056 IKSEMICON-ILA7056 Datasheet
148Kb / 4P
No external components
ILA7056B IKSEMICON-ILA7056B Datasheet
391Kb / 7P
Few external components
logo
IXYS Corporation
CPC5712 IXYS-CPC5712 Datasheet
233Kb / 11P
Minimum External Components
logo
Sanken electric
SPF8033J SANKEN-SPF8033J Datasheet
208Kb / 1P
External components
logo
Unisonic Technologies
TDA7360L-J11-T UTC-TDA7360L-J11-T Datasheet
235Kb / 6P
Very few external components
logo
STMicroelectronics
STEVAL-ISA048V2 STMICROELECTRONICS-STEVAL-ISA048V2 Datasheet
164Kb / 4P
Few external components
01-Jul-2009
logo
Texas Instruments
UA7900 TI1-UA7900 Datasheet
147Kb / 10P
No External Components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com