Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT1697SB Datasheet (PDF) - Analog Devices

VT1697SB Datasheet PDF - Analog Devices
Part # VT1697SB
Download  VT1697SB Download
File Size   599.37 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Smart Slave IC with Integrated Current and Temperature Sensors

VT1697SB Datasheet (PDF)

Go To PDF Page Download Datasheet
VT1697SB Datasheet PDF - Analog Devices

Part # VT1697SB
Download  VT1697SB Click to download

File Size   599.37 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Smart Slave IC with Integrated Current and Temperature Sensors

VT1697SB Datasheet (HTML) - Analog Devices


VT1697SB Product details

Benefits and Features
●● High Per-Phase Current Capability
●● Footprint < 1600mm2 for a 150A VR
●● Precise Temperature Monitoring and Reporting
through a Master Controller IC SMBus
●● Accurate Per-Phase Current Reporting Using a
Master Controller IC
●● Top-side Cooling Allows Improved Heat Transfer to
Ambient
●● Supplies UVLO/OVLO, Bootstrap Voltage UVLO, VX
Short Protection
●● Overcurrent Protection
●● Overtemperature Protection—Fast Shutdown
●● Switching Frequency 300KHz—1.3MHz
●● Compatible With Coupled Inductor




Similar Part No. - VT1697SB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
VT1697SB MAXIM-VT1697SB Datasheet
581Kb / 13P
Increased Power Density with Fewer External Components
Rev 4; 11/14
More results


Similar Description - VT1697SB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMF5820DC FAIRCHILD-FDMF5820DC Datasheet
1Mb / 25P
Smart Power Stage Module with Integrated Temperature Monitor
logo
Silicon Laboratories
SI7050-A20 SILABS-SI7050-A20 Datasheet
361Kb / 26P
IC TEMPERATURE SENSORS
logo
Vishay Siliconix
SIC645 VISHAY-SIC645 Datasheet
400Kb / 18P
60 A VRPower Smart Power Stage (SPS) Module with Integrated High-Accuracy Current and Temperature Monitors
31-Oct-16
logo
Intersil Corporation
ISL99227 INTERSIL-ISL99227 Datasheet
478Kb / 17P
Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
October 27, 2016
logo
ON Semiconductor
FDMF5820DC ONSEMI-FDMF5820DC Datasheet
1Mb / 26P
Smart Power Stage (SPS) Module with Integrated Temperature Monitor
May 2016 Rev. 1.7
FDMF5821 ONSEMI-FDMF5821 Datasheet
1Mb / 26P
Smart Power Stage (SPS) Module with Integrated Temperature Monitor
October 2016 Rev. 1.0
logo
Renesas Technology Corp
ISL99227 RENESAS-ISL99227 Datasheet
886Kb / 17P
Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
logo
Vishay Siliconix
SIC645 VISHAY-SIC645_V01 Datasheet
363Kb / 18P
60 A VRPower® Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
29-Jun-2020
logo
ON Semiconductor
FDMF5062 ONSEMI-FDMF5062 Datasheet
42Kb / 1P
Smart Power Stage (SPS) Modules with Integrated Current and Temperature Monitors
logo
STMicroelectronics
PM7080A STMICROELECTRONICS-PM7080A Datasheet
599Kb / 23P
Smart power stage with current sensing, temperature monitor and fault reporting
19-Apr-2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com