Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT1697SB Datasheet(PDF) 2 Page - Analog Devices

Part # VT1697SB
Description  Smart Slave IC with Integrated Current and Temperature Sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

VT1697SB Datasheet(HTML) 2 Page - Analog Devices

  VT1697SB Datasheet HTML 1Page - Analog Devices VT1697SB Datasheet HTML 2Page - Analog Devices VT1697SB Datasheet HTML 3Page - Analog Devices VT1697SB Datasheet HTML 4Page - Analog Devices VT1697SB Datasheet HTML 5Page - Analog Devices VT1697SB Datasheet HTML 6Page - Analog Devices VT1697SB Datasheet HTML 7Page - Analog Devices VT1697SB Datasheet HTML 8Page - Analog Devices VT1697SB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
VDDH to VSS .........................................................-0.3V to +23V
VX to VSS (DC) .....................................................-0.3V to +23V
VX to VSS (AC) (Notes 1, 2) ..................................-10V to +23V
VDDH to VX (DC)...................................................-0.3V to +23V
VDDH to VX (AC) (Notes 1, 2)................................-10V to +23V
BST to VSS (DC) ................................................-0.3V to +25.5V
BST to VSS (AC) (Note 2) .....................................-7V to +25.5V
BST to VX Differential ..........................................-0.3V to +2.5V
VDD, VCC to GND ................................................-0.3V to +2.5V
PWM, ISENSE, TS_FAULT to GND............-0.3V to VDD + 0.3V
VSS to GND..........................................................-0.3V to +0.3V
Peak VX Current (Note 3) .................................................±100A
Junction Temperature (TJ)...............................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Peak Reflow Temperature Lead-Free .............................+260°C
VDD, VCC ............................................................1.71V to 1.98V
12V Supply (VDDH) ...............................................8.5V to 14.0V
Junction Temperature (TJ)................................ -40°C to +125°C
Frequency (fSW)............................................ 300kHz to 1.3MHz
Note 1: Input HF capacitors placed not more than 40 mils away from the VDDH pin required to keep inductive-voltage spikes within
Absolute Maximum limits.
Note 2: AC is limited to 25ns.
Note 3: Peak OCP clamp levels limit the application below the peak VX current rating.
VT1697SB
Smart Slave IC with Integrated Current
and Temperature Sensors
www.maximintegrated.com
Maxim Integrated │ 2
Package Code
P163A6F+2
Outline Number
21-0986
Land Pattern Number
90-0490
THERMAL RESISTANCE
Junction to Case (θJC) VT1697SB
0.42°C/W
Absolute Maximum Ratings
Operating Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
For the latest package outline information and land patterns (footprints), go to
www.maximintegrated.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
Package Information
16 FCQFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com