Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT1697SB Datasheet(PDF) 4 Page - Analog Devices

Part # VT1697SB
Description  Smart Slave IC with Integrated Current and Temperature Sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

VT1697SB Datasheet(HTML) 4 Page - Analog Devices

  VT1697SB Datasheet HTML 1Page - Analog Devices VT1697SB Datasheet HTML 2Page - Analog Devices VT1697SB Datasheet HTML 3Page - Analog Devices VT1697SB Datasheet HTML 4Page - Analog Devices VT1697SB Datasheet HTML 5Page - Analog Devices VT1697SB Datasheet HTML 6Page - Analog Devices VT1697SB Datasheet HTML 7Page - Analog Devices VT1697SB Datasheet HTML 8Page - Analog Devices VT1697SB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
(VDD = VCC = 1.71V - 1.98V, VDDH = 12V.)
Note 4: TSENSE, PWM and ISENSE pins of the slave are pulled low by the master. The slave is in this state before master OE is
enabled.
Note 5: Inactive, no switching: PWM signal is three stated by the master. The slave is in this mode when the master sheds a phase
(temporarily disabling this slave) to save power at lighter loads.
Note 6: VBST_UVLO is measured with respect to VX and not from ground.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Peak Positive-OCP Clamp Level
OCP
VT1697SB
59
67
80
A
Peak Positive-OCP Clamp
Delay
63
ns
Peak Negative-OCP Clamp
Level
VT1697SB
-79.1
-71.9
-64.7
A
Peak Negative-OCP Delay
110
ns
Overtemperature Shutdown
OTP
Rising threshold
140
150
165
°C
PWM INPUT
Input Voltage, High State
VIH
VDD - 0.20
V
Input Voltage, Low State
VIL
0.20
V
Three-State Control Threshold
(PWM Input Rising)
–
0.63
V
TS_FAULT INPUT
TS_FAULT Digital
Threshold VIH
VIH
0.41
V
TS_FAULT Digital
Threshold VIL
VIL
0.17
V
VT1697SB
Smart Slave IC with Integrated Current
and Temperature Sensors
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com