Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT1697SB Datasheet(PDF) 9 Page - Analog Devices

Part # VT1697SB
Description  Smart Slave IC with Integrated Current and Temperature Sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

VT1697SB Datasheet(HTML) 9 Page - Analog Devices

Back Button VT1697SB Datasheet HTML 4Page - Analog Devices VT1697SB Datasheet HTML 5Page - Analog Devices VT1697SB Datasheet HTML 6Page - Analog Devices VT1697SB Datasheet HTML 7Page - Analog Devices VT1697SB Datasheet HTML 8Page - Analog Devices VT1697SB Datasheet HTML 9Page - Analog Devices VT1697SB Datasheet HTML 10Page - Analog Devices VT1697SB Datasheet HTML 11Page - Analog Devices VT1697SB Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Protection Circuits
Overcurrent Protection
The smart slave IC incorporates instantaneous
overcurrent fault protection using the lossless current-
sense/reconstruction. This overcurrent protection is
separate from the system overcurrent protection, and
is intended to operate only in extreme fault conditions
to protect the IC and other components. The system
overcurrent protection set by the master should be set
with sufficient margin below the slave IC’s threshold to
ensure correct system operation.
For current sourcing operation, if the instantaneous
current in the top switch (based on the current-sense/
reconstruction circuit) exceeds the overcurrent-protection
value shown in the Electrical Characteristics table, the
slave regulates the period of the top-side switch to keep its
peak current at a safe level. The protection threshold has
been set to ensure that the IC’s maximum allowable peak
current is not exceeded when using the recommended
inductors. The sourcing current limiting is not considered
a hard fault condition for slave, and therefore TS_FAULT
is not asserted. Since clamping is based on instantaneous
reconstructed current, the ripple current must be considered
when calculating the maximum average current per slave.
The maximum average current before clamping can be
calculated as shown in Equation 1. Note that the clamping
is based on reconstructed current. Limits shown in the
Electrical Characteristics table for Clamp Level reflect
expected variations in application conditions and external
component characteristics. Also note that the master (i.e.,
system) overcurrent protection should be set lower than
the slave’s maximum operating current as stated above.
Equation 1:
RIPPLE
I
Maximum Average DC Slave Current OCP
2
=
−
where:
OCP
= Peak OCP clamp level (A)
IRIPPLE = Peak-to-peak inductor ripple current (A)
For current-sinking protection, if the negative overcur-
rent-protection threshold is reached, the slave limits the
current and TS_FAULT is not asserted.
The VT1697SB implements an additional OCP shutdown
level (beyond the clamp levels). If the current in the top
switch exceeds the OCP shutdown level (shown in the
Electrical Characteristics table), the IC is turned off and
fault is reported by asserting the TS_FAULT pin. The
slave is then latched off until the power is cycled.
VDD and VBOOST Undervoltage Lockout
The smart slave IC includes undervoltage-lockout circuits:
VDD and VBOOST. For power-sequencing guidelines and
operation with separate bias rails for master and slaves,
refer to appropriate master data sheet. VBOOST UVLO is
active at all times after the initial system startup. It is not
active during the initial system power-on state (before
regulation is enabled) and is activated approximately
20μs after initial startup. If either of these UVLO circuits is
tripped during operation, the smart slave stops switching
and a fault signal (TS_FAULT pulled low) is sent to the
master.
VDDH (VIN) Undervoltage and Overvoltage
Lockout
The slave includes protection circuits that shut down the
slave and assert TS_FAULT if VDDH is above or below
the correct operating range. If either of these circuits is
tripped during operation, the slave stops switching and a
fault signal (TS_FAULT pulled low) is sent to the master.
Temperature Sensing and Overtemperature
Protection
The smart slave IC incorporates an accurate die tem-
perature sensor. The temperature-sense signal is sent to
the master as an analog signal through the temperature-
sense pin. The actual temperature of the smart slave
device is then made available through the SMBus of the
master. The smart slave IC also includes overtemperature
protection. If the trip point is reached, the IC immediately
shuts down and the fault is reported to the master through
the TS_FAULT pin.
VX Short Protection
The smart slave IC includes a VX short detection to detect
a local short circuit from the VX node to either VDDH or
ground. If such a fault is detected, the slave shuts down
and communicates a fault to the master through the
TS_FAULT pin.
TS_FAULT Signal
If a fault is detected, the smart slave sends a signal to
the master by pulling the TS_FAULT pin to ground. Under
normal conditions, this pin is used to send an accurate
analog representation of the slave temperature. If a fault
is detected, this pin is asserted low to indicate that a fault
condition was detected by the slave IC. Table 1 shows the
faults that result in this signal being asserted. For a latching
fault, the fault must be cleared and the VDD power cycled
to reenable the IC (for on-latching faults, see the note
below the Table 1).
VT1697SB
Smart Slave IC with Integrated Current
and Temperature Sensors
www.maximintegrated.com
Maxim Integrated │ 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com