Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT1697SB Datasheet(PDF) 3 Page - Analog Devices

Part # VT1697SB
Description  Smart Slave IC with Integrated Current and Temperature Sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

VT1697SB Datasheet(HTML) 3 Page - Analog Devices

  VT1697SB Datasheet HTML 1Page - Analog Devices VT1697SB Datasheet HTML 2Page - Analog Devices VT1697SB Datasheet HTML 3Page - Analog Devices VT1697SB Datasheet HTML 4Page - Analog Devices VT1697SB Datasheet HTML 5Page - Analog Devices VT1697SB Datasheet HTML 6Page - Analog Devices VT1697SB Datasheet HTML 7Page - Analog Devices VT1697SB Datasheet HTML 8Page - Analog Devices VT1697SB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
(VDD = VCC = 1.71V - 1.98V, VDDH = 12V. Specifications are for TJ = +25°C unless otherwise noted. )
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY VOLTAGES, SUPPLY CURRENT
Bias Supply Voltage
VDD, VCC
1.71
1.98
V
Power-Train Input Voltage
VDDH
8.5
12.0
14.0
V
1.8V Bias Supply Current
ICC + IDD
Shutdown (Note 4)
0.5
2
μA
Inactive, no switching (Note 5)
3.2
5.0
mA
Load = 0A, VOUT = 1.8V,
fSW = 1.5MHz
43
61
mA
Load = 0A, VOUT = 1.8V,
fSW = 300kHz
14
20
Load = 0A, VOUT = 1.8V,
fSW = 600kHz
29
41
12V Bias Supply Current
IDDH
Shutdown (Note 4)
1.3
10
µA
Inactive, no switching (Note 5)
6.5
20
IRECON SPECIFICATION
Current Gain (IL to ISENSE)
AI
-70A < IL < 70A
95000
100000
105000
A/A
TEMPERATURE-SENSOR SPECIFICATIONS
Temperature-Sensor Dynamic
Range
TRANGE
0
150
°C
Temperature-Sensor Gain
ATEMP
3.01
mV/°C
Temperature-Sensor Voltage
–
TJ = 0°C
832
mV
PROTECTION FEATURES
VDD UVLO Threshold (Rising)
VDD_UVLO
1.47
1.57
1.64
V
VDD UVLO Threshold (Falling)
1.41
1.5
1.58
VDDH OVLO Threshold (Rising)
VDDH_OVLO
15.48
16
16.41
V
VDDH OVLO Threshold (Falling)
14.95
15.50
15.81
VDDH UVLO Threshold (Rising)
VDDH_UVLO
4.05
4.27
4.40
V
VDDH UVLO Threshold (Falling)
3.90
4.09
4.25
VBST UVLO Threshold (Rising)
VBST_UVLO
Note 6
1.39
1.52
1.66
V
VBST UVLO Threshold (Falling)
Note 6
1.32
1.45
1.57
VT1697SB
Smart Slave IC with Integrated Current
and Temperature Sensors
www.maximintegrated.com
Maxim Integrated │ 3
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com