Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT1697SB Datasheet(PDF) 7 Page - Analog Devices

Part # VT1697SB
Description  Smart Slave IC with Integrated Current and Temperature Sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

VT1697SB Datasheet(HTML) 7 Page - Analog Devices

Back Button VT1697SB Datasheet HTML 3Page - Analog Devices VT1697SB Datasheet HTML 4Page - Analog Devices VT1697SB Datasheet HTML 5Page - Analog Devices VT1697SB Datasheet HTML 6Page - Analog Devices VT1697SB Datasheet HTML 7Page - Analog Devices VT1697SB Datasheet HTML 8Page - Analog Devices VT1697SB Datasheet HTML 9Page - Analog Devices VT1697SB Datasheet HTML 10Page - Analog Devices VT1697SB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PIN
NAME
FUNCTION
1
VDDH
Drain of High-Side Power FET. Connect to the 12V input supply. See Table 2 for
decoupling requirements.
2–5
VSS
Power Ground. Connect to the return path of the output load.
6–9
VX
Switching Node. Connect to the switching node of the output inductor.
10
BST
Boost Supply Input. Connect a 0.22μF ceramic capacitor placed 40 mils or closer to
the IC between BST and VX.
11
VCC
Gate-Drive Supply. Connect to the 1.8V bias supply. See Table 2 for decoupling
requirements.
12
VDD
Control Circuit Supply. Connect to the 1.8V bias supply. See Table 2 for decoupling
requirements.
13
PWM
PWM Input. Connect to the appropriate PWM_ output of the controller.
PWM Logic Levels:
•
High: HS FET on, LS FET off
•
Mid: Diode emulation mode; both FETs are off when the current reaches zero
•
Low: LS FET on, HS FET off
14
GND
Analog Ground. Connect to the ground plane using a single via placed 40 mils or
closer to the IC.
15
ISENSE
Current-Sense Output. Connect to the appropriate ISENSE input pin of the controller
through a simple passive filter. The ISENSE current is an attenuated replica of the VX
current.
16
TS_FAULT
Smart Power-Stage Temperature and Fault Output. This dual-function pin is used to
report the junction temperature and to communicate a fault condition to the controller.
Connect TS_FAULT to the TSENSE input of the controller.
Pin Description (VT1697SB Smart Slave Device)
1
2
3
4
VT1697SB 16-Pin FCQFN
5
6
9
10
7
8
VDDH
VSS
VSS
VSS
VSS
16
15
14
13
12
11
BST
VX
VX
VX
VX
(Top View)
Pin Configuration (continued)
VT1697SB
Smart Slave IC with Integrated Current
and Temperature Sensors
www.maximintegrated.com
Maxim Integrated │ 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com