Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT1697SB Datasheet(PDF) 8 Page - Analog Devices

Part # VT1697SB
Description  Smart Slave IC with Integrated Current and Temperature Sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

VT1697SB Datasheet(HTML) 8 Page - Analog Devices

Back Button VT1697SB Datasheet HTML 4Page - Analog Devices VT1697SB Datasheet HTML 5Page - Analog Devices VT1697SB Datasheet HTML 6Page - Analog Devices VT1697SB Datasheet HTML 7Page - Analog Devices VT1697SB Datasheet HTML 8Page - Analog Devices VT1697SB Datasheet HTML 9Page - Analog Devices VT1697SB Datasheet HTML 10Page - Analog Devices VT1697SB Datasheet HTML 11Page - Analog Devices VT1697SB Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Voltage Regulation
This Maxim smart slave IC provides control logic,
drivers, monitoring circuits, and power semiconductors for
a synchronous buck converter with fault protection, status
monitoring and accurate lossless current sensing. Phases
are controlled by the master IC independently by separate
phase-control signals.
Power Switch Control and Drivers
The smart slave IC operates in conjunction with a Maxim
master IC. The master controller configures the voltage
regulator based on its configuration resistors and the
number of phases populated. The smart slave device’s
switching is controlled by the proprietary command
signals on the phase-control lines. The phase-control
signal has three defined states: high, low, and “three
state.” Three state is used for phase shedding and DCM
modes. An external boost capacitor is required to supply
the voltage for the high-side switch driver. VDD and VCC
are brought out separately to allow separate decoupling
to improve noise immunity on the VDD rail.
Current-Sense Output
The integrated lossless current sense (or “current
reconstruction”) produces a precise ratiometric current-
sense signal for both positive and negative currents
which is sent to the master as an analog current signal.
This current-sense technology provides accurate current
information over load and temperature that is not affected
by tolerances of passive elements such as the output
inductor, resistors and capacitors.
Phase Configuration
The ability for the master to dynamically disable and
reenable a phase is an integral part of the Maxim master/
slave architecture. The master sets the phase-control
signal to three state to disable a phase. The same state
is used to control DCM operation. When using a coupled
inductor, a proprietary mode (coupled-inductor mode)
can be set by the master and communicated to the smart
slave through the phase-control signal to minimize losses
due to coupled currents in inactive phases.
BOTTOM SWITCH
CONTROL/
FAULT LOGIC
CURRENT SENSE/
RECONSTRUCTION
LEVEL SHIFT/
SWITCH DRIVERS
TEMPERATURE
SENSE
VDD UVLO
VX SHORT DETECT
PWM
TS_FAULT
VX
ISENSE
BST
VCC
VDD
VSS
VDDH
VDDH OVLO/UVLO
TOP SWITCH
CBOOST
UVLO
OCP CLAMP
LEVEL DETECT
VT1697SB
Smart Slave IC with Integrated Current
and Temperature Sensors
www.maximintegrated.com
Maxim Integrated │ 8
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com