Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT1697SB Datasheet(PDF) 1 Page - Analog Devices

Part # VT1697SB
Description  Smart Slave IC with Integrated Current and Temperature Sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

VT1697SB Datasheet(HTML) 1 Page - Analog Devices

  VT1697SB Datasheet HTML 1Page - Analog Devices VT1697SB Datasheet HTML 2Page - Analog Devices VT1697SB Datasheet HTML 3Page - Analog Devices VT1697SB Datasheet HTML 4Page - Analog Devices VT1697SB Datasheet HTML 5Page - Analog Devices VT1697SB Datasheet HTML 6Page - Analog Devices VT1697SB Datasheet HTML 7Page - Analog Devices VT1697SB Datasheet HTML 8Page - Analog Devices VT1697SB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The VT1697SB is a feature-rich smart slave IC designed
to work with Maxim’s seventh-generation masters to
implement a high-density multiphase voltage regulator.
Up to six smart slave ICs plus a master IC provide a
compact synchronous buck converter that includes accu-
rate individual phase current and temperature reporting
through SMBus. This smart-slave device includes protec-
tion circuits for overtemperature, VX short, all power sup-
plies UVLO faults, and main power supply OVLO fault. If
a fault is detected, the slave IC immediately shuts down
and sends a fault signal to the master IC.
Monolithic integration and advanced packaging technolo-
gies allow practical per-phase high switching frequencies
with significantly lower losses than alternative implemen-
tations. This smart slave device is designed to support
phase shedding and DCM modes for efficiency optimiza-
tion over a wide range of load currents. High per-phase
current capability designs with low COUT enable a design
with fewer phases and a smaller footprint.
The VT1697SB is an FCQFN package with exposed top-
side thermal pads. Top-side cooling allows improved heat
transfer to ambient and reduces PC board and compo-
nent temperatures.
Applications
● High-Current Voltage Regulators
• Microprocessor: 32-Bit and 64-Bit I/A RISC
Architectures
• Memory
• Graphic Processors
• Networking ASICs
Benefits and Features
● High Per-Phase Current Capability
● Footprint < 1600mm2 for a 150A VR
● Precise Temperature Monitoring and Reporting
through a Master Controller IC SMBus
● Accurate Per-Phase Current Reporting Using a
Master Controller IC
● Top-side Cooling Allows Improved Heat Transfer to
Ambient
● Supplies UVLO/OVLO, Bootstrap Voltage UVLO, VX
Short Protection
● Overcurrent Protection
● Overtemperature Protection—Fast Shutdown
● Switching Frequency 300KHz—1.3MHz
● Compatible With Coupled Inductor
19-8655; Rev 4; 3/17
Ordering Information appears at end of data sheet.
Control1
ISENSE1
ISENSE2
ISENSE3
VOUT
Control2
Control6
Sense+
Sense-
TSENSE1
TSENSE2
TSENSE6
SVID
SMBus
VT15x7MB
VT16x7SB
VT16x7SB
VT16x7SB
VT1697SB
Smart Slave IC with Integrated Current
and Temperature Sensors
Basic Application Circuit


Similar Part No. - VT1697SB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
VT1697SB MAXIM-VT1697SB Datasheet
581Kb / 13P
Increased Power Density with Fewer External Components
Rev 4; 11/14
More results

Similar Description - VT1697SB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMF5820DC FAIRCHILD-FDMF5820DC Datasheet
1Mb / 25P
Smart Power Stage Module with Integrated Temperature Monitor
logo
Silicon Laboratories
SI7050-A20 SILABS-SI7050-A20 Datasheet
361Kb / 26P
IC TEMPERATURE SENSORS
logo
Vishay Siliconix
SIC645 VISHAY-SIC645 Datasheet
400Kb / 18P
60 A VRPower Smart Power Stage (SPS) Module with Integrated High-Accuracy Current and Temperature Monitors
31-Oct-16
logo
Intersil Corporation
ISL99227 INTERSIL-ISL99227 Datasheet
478Kb / 17P
Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
October 27, 2016
logo
ON Semiconductor
FDMF5820DC ONSEMI-FDMF5820DC Datasheet
1Mb / 26P
Smart Power Stage (SPS) Module with Integrated Temperature Monitor
May 2016 Rev. 1.7
FDMF5821 ONSEMI-FDMF5821 Datasheet
1Mb / 26P
Smart Power Stage (SPS) Module with Integrated Temperature Monitor
October 2016 Rev. 1.0
logo
Renesas Technology Corp
ISL99227 RENESAS-ISL99227 Datasheet
886Kb / 17P
Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
logo
Vishay Siliconix
SIC645 VISHAY-SIC645_V01 Datasheet
363Kb / 18P
60 A VRPower® Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
29-Jun-2020
logo
ON Semiconductor
FDMF5062 ONSEMI-FDMF5062 Datasheet
42Kb / 1P
Smart Power Stage (SPS) Modules with Integrated Current and Temperature Monitors
logo
STMicroelectronics
PM7080A STMICROELECTRONICS-PM7080A Datasheet
599Kb / 23P
Smart power stage with current sensing, temperature monitor and fault reporting
19-Apr-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com