Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO252 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # TO252
Description  DIMENSION L IS MEASURED IN GAUGE PLANE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

TO252 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  TO252 Datasheet HTML 1Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.020
0.508
L2
DIMENSION IN MILLIMETERS
2.184
MIN.
A
S
Y
M
B
O
L
NOM.
2.286
MAX.
2.388
MAX.
DIMENSIONS IN INCHES
0.086
MIN.
NOM.
0.090
0.094
0.005
-----
0.000
A1
0.000
0.127
-----
0.045
0.041
0.035
A2
0.889
1.143
1.041
0.035
0.030
0.025
b
0.635
0.889
0.762
0.045
0.033
0.030
b1
0.762
1.143
0.840
0.024
0.020
0.018
c
0.450
0.610
0.508
0.024
0.018
c1
0.450
0.610
0.245
0.240
0.235
D
5.969
6.223
6.096
0.265
0.260
0.250
E
6.350
6.731
6.604
e
2.286 BSC
e1
4.572 BSC
0.410
0.395
0.370
H
9.398
10.414
10.033
0.080
0.060
0.050
L
1.270
2.032
1.520
L1
0.050
0.040
0.035
L3
0.889
1.270
1.016
0.090 BSC
0.180 BSC
b2
4.953
0.195
5.340
5.461
0.210
0.215
SEMICONDUCTOR, LTD.
ALPHA & OMEGA
NOTE
1. PACKAGE BODY SIZES EXCLUDE MOLD FLASH AND
GATE BURRS. MOLD FLASH SHOULD BE LESS THAN
6 MILS.
2. DIMENSION L IS MEASURED IN GAUGE PLANE
3. TOLERANCE 0.10 mm UNLESS OTHERWISE SPECIFIED
4. CONTROLLING DIMENSION IS MILLIMETER. CONVERTED
INCH DIMENSIONS ARE NOT NECESSARILY EXACT.
5. REFER TO JEDEC TO-252 (AA)
UNIT: mm
RECOMMENDED LAND PATTERN
6.25 MIN.
6.80 MIN.
6.60
3.00 MIN.
1.50 MIN.
2.286
4.572 BSC
0.205
D1
5.210
5.249
5.380
0.207
0.212
D2
0.762
0.030
0.170
E1
4.318
0.070
E2
1.778
4.826
4.901
0.190
0.193
0.040
-----
0.025
L4
0.635
1.016
-----
0.115REF.
2.921 REF.
0.508
0.020
0.408
0.608
0.024
0.016
1.678
1.878
0.066
0.074
0.662
0.862
0.026
0.034


Similar Part No. - TO252

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TO252 DIODES-TO252 Datasheet
188Kb / 14P
SUGGESTED PAD LAYOUT
Rev 43
TO252 DIODES-TO252 Datasheet
404Kb / 27P
SUGGESTED PAD LAYOUT
Rev 52
logo
Global Mixed-mode Techn...
TO252 GMT-TO252 Datasheet
162Kb / 1P
Package Outline
logo
Rohm
TO252-3 ROHM-TO252-3 Datasheet
373Kb / 13P
1A Output 78 series Regulators 500mA Output 78 series Regulators
TO252-3 ROHM-TO252-3 Datasheet
347Kb / 13P
1A Output 78 series Regulators 500mA Output 78 series Regulators
More results

Similar Description - TO252

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-01CEUV3WC-1A2 A-BRIGHT-AL-01CEUV3WC-1A2 Datasheet
312Kb / 7P
Lead spacing is measured where the leads emerge from the package
logo
Alpha & Omega Semicondu...
DFN1.2X1.1_6L AOSMD-DFN1.2X1.1_6L Datasheet
64Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER
QFN2.6X1.8_16L AOSMD-QFN2.6X1.8_16L Datasheet
66Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER
SOT-23-5LLP AOSMD-SOT-23-5LLP Datasheet
214Kb / 1P
DIMENSION "L" IS MEASURED IN GAUGE PLANE
TO220 AOSMD-TO220 Datasheet
98Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER
TO247 AOSMD-TO247 Datasheet
50Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER.
TO263 AOSMD-TO263 Datasheet
110Kb / 1P
Dimension L is Measured in gaguge line
logo
Analog Devices
ADXRS910 AD-ADXRS910 Datasheet
94Kb / 2P
Rollover Detection In-Plane Gyroscope
logo
Festo Corporation.
542117 FESTO-542117 Datasheet
75Kb / 2P
Measured-value transducer
4/20/22
542118 FESTO-542118 Datasheet
76Kb / 2P
Measured-value transducer
4/20/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com