Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9770EUI Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX9770EUI
Description  1.2W Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9770EUI Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX9770EUI Datasheet HTML 12Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 13Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 14Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 15Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 16Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 17Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 18Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 19Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Shutdown
The MAX9770 features a 0.1µA, low-power shutdown
mode that reduces quiescent current consumption and
extends battery life. Drive SHDN low to disable the
drive amplifiers, bias circuitry, and charge pump. Bias
is driven to GND and the headphone amplifier output
impedance is 10k
Ω in shutdown. Connect SHDN to
VDD for normal operation.
Click-and-Pop Suppression
Speaker Amplifier
The MAX9770 speaker amplifier features comprehensive
click-and-pop suppression that eliminates audible tran-
sients on startup and shutdown. While in shutdown, the
H-bridge is in a high-impedance state. During startup or
power-up, the input amplifiers are muted and an internal
loop sets the modulator bias voltages to the correct lev-
els, preventing clicks and pops when the H-bridge is
subsequently enabled. For 30ms following startup, a
soft-start function gradually unmutes the input amplifiers.
Headphone Amplifier
In conventional single-supply headphone drivers, the
output-coupling capacitor is a major contributor of
audible clicks and pops. Upon startup, the driver
charges the coupling capacitor to its bias voltage, typi-
cally half the supply. Likewise, during shutdown, the
capacitor is discharged to GND. This results in a DC
shift across the capacitor, which in turn, appears as an
audible transient at the speaker. Since the MAX9770
headphone amplifier does not require output-coupling
capacitors, this does not arise.
Additionally, the MAX9770 features extensive click-and-
pop suppression that eliminates any audible transient
sources internal to the device. The Power-Up/Power-
Down Waveform in the Typical Operating Characteristics
shows that there are minimal spectral components in the
audible range at the output upon startup or shutdown.
In most applications, the output of the preamplifier dri-
ving the MAX9770 has a DC bias of typically half the
supply. During startup, the input-coupling capacitor is
charged to the preamplifier’s DC bias voltage through
the RF of the MAX9770, resulting in a DC shift across the
capacitor and an audible click/pop. An internal delay of
50ms eliminates the click/pop caused by the input filter.
Applications Information
Filterless Operation
Traditional Class D amplifiers require an output filter to
recover the audio signal from the amplifier’s output. The
filters add cost, increase the solution size of the amplifi-
er, and can decrease efficiency. The traditional PWM
scheme uses large differential output swings (2 x VDD
peak-to-peak) at idle and causes large ripple currents.
Any parasitic resistance in the filter components results
in a loss of power, lowering efficiency.
1.2W Low-EMI, Filterless, Mono Class D Amplifier
with Stereo DirectDrive Headphone Amplifiers
16
______________________________________________________________________________________
Table 3. Gain Selection
GAIN1
GAIN2
SPEAKER
GAIN
(dB)
HEADPHONE
GAIN
(dB)
SPEAKER
OUTPUT
POWER
(VIN = 0.707VRMS)
(mW)
SPEAKER
OUTPUT
POWER
(VIN = 1VRMS)
(mW)
HEADPHONE
OUTPUT
POWER
(VIN = 0.707VRMS)
(mW)
HEADPHONE
OUTPUT
POWER
(VIN = 1VRMS)
(mW)
0
0
6
7
500 / 4
Ω
500 / 8
Ω
60* / 32
Ω
60* / 32
Ω
0
1
3
4
250 / 4
Ω
500 / 4
Ω
78 / 16
Ω
60* / 32
Ω
1
0
9
-2
500 / 8
Ω
1000 / 8
Ω
19 / 16
Ω
39 / 16
Ω
1
1
0
1
124 / 4
Ω
250 / 4
Ω
39 / 16
Ω
78 / 16
Ω
*Output power limited to 60mW due to output voltage swing.
Table 4. Gain Settings with HPS
Connection
GAIN1
GAIN2
SPEAKER MODE
GAIN
(HPS = 0)
HEADPHONE
MODE GAIN
(HPS = 1)
HPS
0
6
-2
HPS
1
3
1
0
HPS
6
4
1
HPS
9
1
HPS
HPS
6
1
00
6
7
01
3
4
10
9
-2
11
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com