Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9770EUI Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX9770EUI
Description  1.2W Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9770EUI Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX9770EUI Datasheet HTML 16Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 17Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 18Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 19Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 20Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 21Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 22Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 23Page - Maxim Integrated Products MAX9770EUI Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
1.2W Low-EMI, Filterless, Mono Class D Amplifier
with Stereo DirectDrive Headphone Amplifiers
______________________________________________________________________________________
21
Pin Configurations
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
IN1_L
IN2_L
MONO
GAIN1
GAIN2
PVDD
SEL1
OUT-
OUT+
PGND
SYNC
SHDN
SELM
SEL2
CPGND
C1P
C1N
CPVSS
CPVDD
HPS
SVSS
HPOUTL
HPOUTR
VDD
BIAS
IN1_R
IN2_R
GND
TSSOP
TOP VIEW
MAX9770
15
16
17
18
19
20
21
SHDN
SYNC
PGND
OUT+
OUT-
PVDD
GAIN2
7
6
5
4
3
2
1
CPVDD
HPS
SVSS
HPOUTL
HPOUTR
VDD
BIAS
MAX9770
TQFN
Chip Information
TRANSISTOR COUNT: 7020
PROCESS: BiCMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com