Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4000-10TO Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # AD4000-10TO
Description  4000 關m active area
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AD4000-10TO Datasheet(HTML) 1 Page - Sensortechnics GmbH

  AD4000-10TO Datasheet HTML 1Page - Sensortechnics GmbH AD4000-10TO Datasheet HTML 2Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
First Sensor APD Data Sheet
Part Description AD4000-10 TO
Order # 50123401
Version 09-10-15
Features
Description
Application
RoHS
2011/65/EU
Absolute maximum ratings
Spectral response (M = 100; 23 °C)
Max
125
100
0.25
Schematic
Electro-optical characteristics @ 23 °C
Unit
µm
mm²
nA
pF
A/W
A/W
ns
MHz
V
Temperature coefficient
V/K
* please note that depending on operation voltage APD operation at temperatures below -15°C may require sophisticated control circuit.
European, International Sales:
sales.opto@first-sensor.com
sales.us@first-sensor.com
First Sensor AG
Peter-Behrens-Strasse 15
12459 Berlin
Germany
T +49 30 6399 2399
F +49 30 639923-752
Responsivity
M = 100; λ = 905 nm
USA:
C
Capacitance
M = 100
15
600
70
Breakdown voltage
tR
Cut-off frequency
-3dB
Responsivity
M = 100; λ = 1064 nm; RL = 50 Ω
6
T +1 818 706 3400
F +1 818 889 7053
First Sensor Inc.
5700 Corsa Avenue #105
ID
Dark current
M = 100
50
500
Westlake Village
CA 91362 USA
59
M = 100; λ = 1064 nm
49
IR = 2 µA
220
300
3.3
VBR
tR
Rise time
Gain (IP0 = 1 nA)
1000
Typ
Max
Symbol
Characteristic
Test Condition
Active area
12.56
Active area
Min
ø 4000
IPEAK
Peak DC current
mA
• Pulsed 1064 nm laser detection
• Laser range finding
• Fluorescence detection
• ø 4000 µm active area
• High QE for λ = 850-1064 nm
• Low noise
• Low slope multiplication curve
Symbol
Unit
Min
Parameter
Circular active area APD chip with IR
enhanced sensitivity. Low dark
current due to guard ring diode.
Metal can type hermetic TO8Si
package with clear glass window.
TSTG
Storage temp
-55
°C
TOP
Operating temp
-40*
°C
Mmax
0
10
20
30
40
50
60
70
500
600
700
800
900
1000
1100
Wavelength (nm)
PIN 1
PIN 5
PIN 4
GR
PIN 3
A
A


Similar Part No. - AD4000-10TO

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4000 AD-AD4000 Datasheet
1Mb / 33P
16-Bit, 2 MSPS Precision Pseudo Differential ADC
REV. 0
AD4000 AD-AD4000 Datasheet
1Mb / 36P
Precision, Pseudo Differential, SAR ADCs
Rev. C
AD4000BCPZ-RL7 AD-AD4000BCPZ-RL7 Datasheet
1Mb / 33P
16-Bit, 2 MSPS Precision Pseudo Differential ADC
REV. 0
AD4000BCPZ-RL7 AD-AD4000BCPZ-RL7 Datasheet
1Mb / 36P
Precision, Pseudo Differential, SAR ADCs
Rev. C
AD4000BRMZ AD-AD4000BRMZ Datasheet
1Mb / 33P
16-Bit, 2 MSPS Precision Pseudo Differential ADC
REV. 0
More results

Similar Description - AD4000-10TO

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
AXUV300C OPTODIODE-AXUV300C Datasheet
309Kb / 2P
Rectangular active area
logo
Sensortechnics GmbH
AD500-8-13G SENSORTECHNICS-AD500-8-13G Datasheet
258Kb / 3P
0.500 mm active area
AD500-9-400M-TO5 SENSORTECHNICS-AD500-9-400M-TO5 Datasheet
590Kb / 3P
0.500 mm active area
AD500-9-8015-TO52 SENSORTECHNICS-AD500-9-8015-TO52 Datasheet
410Kb / 3P
0.500 mm active area
AD500-10 SENSORTECHNICS-AD500-10 Datasheet
307Kb / 2P
500 關m active area
AD800-10TO SENSORTECHNICS-AD800-10TO Datasheet
307Kb / 2P
800 關m active area
AD800-11TO SENSORTECHNICS-AD800-11TO Datasheet
408Kb / 2P
800 關m active area
AD1500-10TO SENSORTECHNICS-AD1500-10TO Datasheet
307Kb / 2P
첩 1500 關m active area
AD1900-11TO SENSORTECHNICS-AD1900-11TO Datasheet
413Kb / 2P
첩 1900 關m active area
logo
OptoDiode Corp
AXUV20A OPTODIODE-AXUV20A_18 Datasheet
455Kb / 3P
Circular Active Area
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com