Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4000-10TO Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # AD4000-10TO
Description  4000 關m active area
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AD4000-10TO Datasheet(HTML) 2 Page - Sensortechnics GmbH

  AD4000-10TO Datasheet HTML 1Page - Sensortechnics GmbH AD4000-10TO Datasheet HTML 2Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
First Sensor APD Data Sheet
First Sensor APD Data Sheet
Part Description AD4000-10 TO
Part Description AD4000-10 TO
Order # 50123401
Order # 50123401
Version 09-10-15
Version 09-10-15
Quantum efficiency (23 °C)
Capacitance as fct of reverse bias (23 °C)
Multiplication as fct of reverse bias
Dark current as fct of reverse bias
Application hints:
• Guard ring should be connected to ground
• For low light level applications blocking of ambient light should be used
• For high gain applications bias voltage should be temperature compensated
• Please consider basic ESD protection while handling
• Use low noise read-out - IC
• For further questions please refer to document "Instructions for handling and processing"
and application notes for APDs and APD-Arrays
Package dimension:
Small quantities: Foam pad, boxed (12 cm x 16.5 cm)
Disclaimer:
Due to our strive for continuous improvement, specifications are subject to change within our PCN policy according to JESD46C.
European, International Sales:
sales.opto@first-sensor.com
sales.us@first-sensor.com
Westlake Village
5700 Corsa Avenue #105
First Sensor Inc.
USA:
CA 91362 USA
F +1 818 889 7053
T +1 818 706 3400
First Sensor AG
Peter-Behrens-Strasse 15
12459 Berlin
Germany
T +49 30 6399 2399
F +49 30 639923-752
• Current should be limited by a protecting resistor or current limiting - IC
inside the power supply
0
50
100
150
200
250
300
350
400
450
0
20
40
60
80
100
Reverse bias (V)
1
10
100
1000
20
60
100
140
180
220
260
300
340
380
Reverse bias (V)
23°C
40°C
60°C
100E-12
1,000E-12
01E-08
10E-08
100E-08
20
60
100
140
180
220
260
300
340
380
Reverse bias (V)
23°C
40°C
60°C
0
20
40
60
80
100
500
600
700
800
900
1000
1100
Wavelength (nm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com