Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5012BWM Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5012BWM
Description  Dual High- or Low-Side MOSFET Driver Not Recommended for New Designs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5012BWM Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5012BWM Datasheet HTML 1Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 2Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 3Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 4Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 5Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 6Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 7Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 8Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
April 1998
5-115
MIC5012
Micrel
5
Pin Description (Refer to Typical Applications)
DIP Pin Number
Pin Name
Pin Function
12, 10
V+
Supply; must be decoupled to isolate from large transients caused by the
power FET drain. 10
µF is recommended close to pins 1 and 4.
14, 11
Input
Turns on power MOSFET when taken above threshold (3.5V typical).
Requires <1
µA to switch.
2, 5
Source
Connects to source lead of power FET and is the return for the gate clamp
zener. Can safely swing to –10V when turning off inductive loads.
3
Ground
4, 6
Gate
Drives and clamps the gate of the power FET. Clamped to approximately –
0.7V by an internal diode when turning off inductive loads.
Absolute Maximum Ratings (Note 1, 2)
Supply Voltage (V+), Pins 10, 12
–0.5V to 36V
Input Voltage, Pins 11, 14
–10V to V+
Source Voltage, Pins 2, 5
–10V to V+
Current into Pins 2, 5
50mA
Gate Voltage, Pins 4, 6
–1V to 50V
Junction Temperature
150
°C
Operating Ratings (Notes 1, 2)
Power Dissipation
1.56W
θ
JA (Plastic DIP)
80
°C/W
θ
JA (SOIC)
105
°C/W
Ambient Temperature: B version
–40
°C to +85°C
Storage Temperature
–65
°C to +150°C
Lead Temperature
260
°C
(Soldering, 10 seconds)
Supply Voltage (V+), Pin 1
4.75V to 32V high side
4.75V to 15V low side
Pin Configuration
Input A
Source B
V+ B
Gate B
1
2
3
4
5
6
7
8
9
10
11
12
13
14
MIC5012 (N, J)
NC
NC
V+ A
Input B
Gate A
Source A
Gnd
NC
NC
NC
Input A
Source B
V+ B
Gate B
1
2
3
4
5
6
7
10
11
12
13
14
15
16
MIC5012 (WM)
NC
NC
V+ A
Input B
Gate A
Source A
Gnd
NC
NC
NC
8 NC
9
NC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com