Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5012BWM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5012BWM
Description  Dual High- or Low-Side MOSFET Driver Not Recommended for New Designs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5012BWM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5012BWM Datasheet HTML 1Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 2Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 3Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 4Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 5Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 6Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 7Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 8Page - Micrel Semiconductor MIC5012BWM Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
April 1998
5-117
MIC5012
Micrel
5
03
69
12
15
0
50
100
150
200
250
300
350
SUPPLY VOLTAGE (V)
High-side Turn-on Time*
GATE
C
=1 nF
03
69
12
15
SUPPLY VOLTAGE (V)
High-side Turn-on Time*
GATE
C
=10 nF
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
03
69
12
15
SUPPLY VOLTAGE (V)
GATE
C
=10 nF
1
3
10
30
100
300
1000
GATE
C
=1 nF
Low-side Turn-on Time
for Gate = 5V
03
69
12
15
SUPPLY VOLTAGE (V)
GATE
C
=10 nF
GATE
C
=1 nF
Low-side Turn-on Time
for Gate = 10V
3
10
30
100
300
1000
3000
Typical Characteristics (Continued)
* Time for gate to reach V+ + 5V in test circuit with VS = V+ – 5V.
0
5
10
15
20
25
30
35
0
2
4
6
8
10
12
Supply Current
SUPPLY VOLTAGE (V)
0
3
6
9
12
15
SUPPLY VOLTAGE (V)
0
2
4
6
8
10
12
14
DC Gate Voltage
above Supply



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com