Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLO36 Datasheet(PDF) 2 Page - IXYS Corporation

Part # MLO36
Description  AC Controller Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MLO36 Datasheet(HTML) 2 Page - IXYS Corporation

  MLO36 Datasheet HTML 1Page - IXYS Corporation MLO36 Datasheet HTML 2Page - IXYS Corporation MLO36 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2000 IXYS All rights reserved
2 - 3
Symbol
Test Conditions
Characteristic Values
I
R, ID
T
VJ = TVJM; VR = VRRM; VD = VDRM
£
5mA
V
T
I
T
= 45 A; T
VJ = 25°C
£
1.49
V
V
T0
For power-loss calculations only
0.85
V
r
T
15
m
W
V
GT
V
D = 6 V;
T
VJ = 25°C
£
1.0
V
T
VJ = -40°C
£
1.15
V
I
GT
V
D = 6 V;
T
VJ = 25°C
£
65
mA
T
VJ = -40°C
£
120
mA
I
GM
t
p = 50 ms, f = 60 Hz, IT = ITAVM
6A
V
GD
T
VJ = TVJM;VD = 2/3 VDRM
£
0.2
V
I
GD
£
1mA
I
L
T
VJ = 25°C; tP = 10 ms, VD = 6 V
£
150
mA
I
G = 0.3 A; diG/dt = 0.3 A/ms
I
H
T
VJ = 25°C; VD = 6 V; RGK = ¥
£
100
mA
t
gd
T
VJ = 25°C; VD = 1/2 VDRM
£
2
ms
I
G = 0.3 A; diG/dt = 0.3 A/ms
t
q
T
VJ = TVJM; IT = 11 A, tP = 200 ms; -di/dt = 10 A/ms
typ.
150
ms
V
R = 100 V; dv/dt = 10 V/ms; VD = 2/3 VDRM
R
thJC
per thyristor/diode; DC current
1.3
K/W
per module
0.65
K/W
R
thJK
per thyristor/diode; DC current
1.5
K/W
per module
0.75
K/W
d
S
Creeping distance on surface
6
mm
d
A
Creepage distance in air
6
mm
a
Max. allowable acceleration
50
m/s2
Dimensions in mm (1 mm = 0.0394")
MLO 36
MMO 36
MLO 36
MMO 36
1
10
100
1000
0.1
1
10
I
G
V
G
mA
1: I
GT, TVJ = 125°C
2: IGT, TVJ = 25°C
3: IGT, TVJ = -40°C
V
4: P
GAV = 0.5 W
5: PGM = 1 W
6: PGM = 10 W
I
GD, TVJ = 125°C
4
2
1
5
6
10
100
1000
1
10
100
1000
µs
t
gd
0.01
0.1
1
10
0
20
40
60
80
100
120
140
160
I
RMS
T
VJ = 125°C
T
K = 85°C
T
VJ = 25°C
typ.
Limit
t
MMO 36
MLO 36
mA
s
A
I
G
3
Fig. 2 Gate trigger delay time
Fig. 1 Gate trigger characteristics
Fig. 3 Rated RMS current versus time
(360° conduction)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com