Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLO36 Datasheet(PDF) 1 Page - IXYS Corporation

Part # MLO36
Description  AC Controller Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MLO36 Datasheet(HTML) 1 Page - IXYS Corporation

  MLO36 Datasheet HTML 1Page - IXYS Corporation MLO36 Datasheet HTML 2Page - IXYS Corporation MLO36 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2000 IXYS All rights reserved
1 - 3
I
RMS
= 39 A
V
RRM = 1200-1600 V
V
RSM
V
RRM
Type
V
DSM
V
DRM
VV
1200 1200
MLO 36-12io1
MMO 36-12io1
1600 1600
MLO 36-16io1
MMO 36-16io1
Data according to IEC 60747 and to a single thyristor/diode unless otherwise stated.
IXYS reserves the right to change limits, test conditions and dimensions.
Symbol
Test Conditions
Maximum Ratings
I
RMS
T
K = 85°C, 50 - 400 Hz (for single controller)
39
A
I
TRMS
T
VJ = TVJM
28
A
I
TAVM
T
K = 85°C; (180° sine)
18
A
I
TSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
360
A
V
R = 0
t = 8.3 ms (60 Hz), sine
390
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
320
A
V
R = 0
t = 8.3 ms (60 Hz), sine
350
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
645
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
630
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
510
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
510
A2s
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 150 A
100
A/
ms
f =50 Hz, t
P =200 ms
V
D = 2/3 VDRM
I
G = 0.3 A
non repetitive, I
T = ITAVM
500
A/
ms
di
G/dt = 0.3 A/ms
(dv/dt)
cr
T
VJ = TVJM;VDR = 2/3 VDRM
1000
V/
ms
R
GK = ¥; method 1 (linear voltage rise)
P
GM
T
VJ = TVJM
t
p =
30
ms10
W
I
T = ITAVM
t
p = 300 ms5
W
P
GAVM
0.5
W
V
RGM
10
V
T
VJ
-40...+125
°C
T
VJM
125
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
3000
V~
I
ISOL £ 1 mA
t = 1 s
3600
V~
M
d
Mounting torque
(M3)
0.7
± 0.1
Nm
(UNF 4-32)
6
± 0.9
lb.in.
Weight
typ.
15
g
Features
q
Thyristor controller for AC (circuit
W1C acc. to IEC) for mains frequency
q
Direct copper bonded Al
2O3 -ceramic
base plate
q
Isolation voltage 3600 V~
q
Planar passivated chips
q
UL registered, E 72873
q
Long wire leads suitable for PC board
soldering
Applications
q
Switching and control of single and
three phase AC
q
Softstart AC motor controller
q
Solid state switches
q
Light and temperature control
Advantages
q
Easy to mount with two screws
q
Space and weight savings
q
Improved temperature and power
cycling
q
High power density
MLO 36
MMO 36
MMO 36
K1 = Cathode 1,
G1 = Gate 1
K2 = Cathode 2,
G2 = Gate 2
(MLO 36 has no G2 lead)
G2
K1
K2
G1
AC Controller Modules
MLO
G1 K1
MMO
K2 G2
K2
G1 K1


Similar Part No. - MLO36

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
MLO-POT-100-LWG FESTO-MLO-POT-100-LWG Datasheet
77Kb / 2P
Displacement encoder
MLO-POT-1000-TLF FESTO-MLO-POT-1000-TLF Datasheet
74Kb / 2P
Displacement encoder
MLO-POT-1250-TLF FESTO-MLO-POT-1250-TLF Datasheet
75Kb / 2P
Displacement encoder
MLO-POT-150-LWG FESTO-MLO-POT-150-LWG Datasheet
78Kb / 2P
Displacement encoder
MLO-POT-1500-TLF FESTO-MLO-POT-1500-TLF Datasheet
75Kb / 2P
Displacement encoder
More results

Similar Description - MLO36

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L166 IXYS-L166 Datasheet
58Kb / 3P
AC Controller Modules
MLO75-12IO1 IXYS-MLO75-12IO1 Datasheet
78Kb / 3P
AC Controller Modules
MMO90 IXYS-MMO90 Datasheet
58Kb / 3P
AC Controller Modules
MMO62-12IO6 IXYS-MMO62-12IO6 Datasheet
58Kb / 3P
AC Controller Modules
VW2X60 IXYS-VW2X60 Datasheet
67Kb / 3P
AC Controller Modules
MMO230 IXYS-MMO230 Datasheet
65Kb / 2P
AC Controller Modules
VWO35 IXYS-VWO35 Datasheet
58Kb / 2P
AC Controller Modules
VW2X30 IXYS-VW2X30 Datasheet
72Kb / 3P
AC Controller Modules
VW2X45 IXYS-VW2X45 Datasheet
71Kb / 3P
AC Controller Modules
MMO175 IXYS-MMO175 Datasheet
160Kb / 2P
AC Controller Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com