Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2724AM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2724AM
Description  High Speed 3A Synchronous MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2724AM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2724AM Datasheet HTML 1Page - National Semiconductor (TI) LM2724AM Datasheet HTML 2Page - National Semiconductor (TI) LM2724AM Datasheet HTML 3Page - National Semiconductor (TI) LM2724AM Datasheet HTML 4Page - National Semiconductor (TI) LM2724AM Datasheet HTML 5Page - National Semiconductor (TI) LM2724AM Datasheet HTML 6Page - National Semiconductor (TI) LM2724AM Datasheet HTML 7Page - National Semiconductor (TI) LM2724AM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
CC
7V
BOOT to SW
7V
BOOT to GND (Note 2)
35V
SW to GND
30V
Junction Temperature
+150˚C
Power Dissipation
(Note 3)
720mW (SO-8)
3.2W (LLP-8)
Storage Temperature
−65˚C to 150˚C
ESD Susceptibility
Human Body Model (Note 4)
2.0 kV
Soldering Time, Temperature
10sec., 300˚C
Operating Ratings (Note 1)
V
CC
4.3V to 6.8V
Junction Temperature Range
-40˚C to 125˚C
Electrical Characteristics
LM2724A
V
CC = BOOT = SYNC = 5V, SW = GND = 0V, unless otherwise specified. Typicals and limits appearing in plain type apply for
T
A =TJ = +25˚C. Limits appearing in boldface type apply over the entire operating temperature range.
Symbol
Parameter
Condition
Min
Typ
Max
Units
POWER SUPPLY
I
q_op
Operating Quiescent
Current
IN = 0V
145
195
µA
TOP DRIVER
Peak Pull-Up Current
3.0
A
Pull-Up Rds_on
I
BOOT =IHG = 0.3A
1.2
Ω
Peak Pull-down Current
−3.2
A
Pull-down Rds_on
I
SW =IHG = 0.3A
0.5
Ω
t
4
Rise Time
Timing Diagram, C
LOAD =
3.3nF
17
ns
t
6
Fall Time
12
ns
t
3
Pull-Up Dead Time
Timing Diagram
19
ns
t
5
Pull-Down Delay
Timing Diagram, from IN
Falling Edge
27
ns
BOTTOM DRIVER
Peak Pull-Up Current
3.2
A
Pull-up Rds_on
I
VCC =ILG = 0.3A
1.1
Ω
Peak Pull-down Current
3.2
A
Pull-down Rds_on
I
GND =ILG = 0.3A
0.6
Ω
t
8
Rise Time
Timing Diagram, C
LOAD =
3.3nF
17
ns
t
2
Fall Time
14
ns
t
7
Pull-up Dead Time
Timing Diagram
22
ns
t
1
Pull-down Delay
Timing Diagram
13
ns
LOGIC
V
uvlo_up
V
CC
Under-Voltage-Lock-Out
Upper Threshold
V
CC rises from 0V toward
5V
4
V
V
uvlo_dn
V
CC
Under-Voltage-Lock-Out
Lower Threshold
VCC falls from 5V toward
0V
2.5
V
V
uvlo_hys
V
CC
Under-Voltage-Lock-Out
Hysteresis
V
CC falls from 5V toward 0V
0.8
V
V
IH_SYNC
SYNC Pin High Input
55%
V
CC
V
IL_SYNC
SYNC Pin Low Input
25%
I
leak_SYNC
SYNC Pin Leakage
Current
SYNC = 5V, Sink Current
2
µA
SYNC = 0V, Source Current
10
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com