Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2724AM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2724AM
Description  High Speed 3A Synchronous MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2724AM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2724AM Datasheet HTML 1Page - National Semiconductor (TI) LM2724AM Datasheet HTML 2Page - National Semiconductor (TI) LM2724AM Datasheet HTML 3Page - National Semiconductor (TI) LM2724AM Datasheet HTML 4Page - National Semiconductor (TI) LM2724AM Datasheet HTML 5Page - National Semiconductor (TI) LM2724AM Datasheet HTML 6Page - National Semiconductor (TI) LM2724AM Datasheet HTML 7Page - National Semiconductor (TI) LM2724AM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Connection Diagram
20073502
8-Lead SO (NS Package # M08A)
θ
JA = 172˚C/W
20073506
8-Lead LLP (NS Package # LDC08A)
θ
JA = 39˚C/W
Ordering Information
Order Number
Size
NSC Package
Drawing
Supplied As
LM2724AM
SO-8
M08A
95 Units/Rail
LM2724AMX
2500 Units/Reel
LM2724ALD
LDC08A
LDC08A
1000 Units/Rail
LM2724ALDX
4500 Units/Reel
Pin Descriptions
Pin
Name
Function
1SW
Top driver return. Should be connected to the common node of top
and bottom FETs
2
HG
Top gate drive output. Should be connected to the top FET gate.
3
BOOT
Bootstrap. Accepts a bootstrap voltage for powering the high-side
driver
4
IN
Accepts a logic control signal
5
SYNC
Bottom gate enable
6V
CC
Connect to +5V supply
7LG
Bottom gate drive output. Should be connected to the bottom FET
gate.
8
GND
Ground
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com