Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWN-R-25 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # KWN-R-25
Description  250V KWN-R and 600V KWS-R Class RK1 fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

KWN-R-25 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  KWN-R-25 Datasheet HTML 1Page - Cooper Bussmann, Inc. KWN-R-25 Datasheet HTML 2Page - Cooper Bussmann, Inc. KWN-R-25 Datasheet HTML 3Page - Cooper Bussmann, Inc. KWN-R-25 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 10413
Effective August 2015
Supersedes July, 2015
BUSSMANN
SERIES
250V KWN-R and 600V KWS-R Class RK1 fuses
Catalog symbols:
KWN-R-(amp) 250V
KWS-R-(amp) 600V
Description:
250V KWN-R and 600V KWS-R fast-acting
Limitron™ fuses are UL Listed as Class RK1
fuses. They are dual voltage rated and can be
applied at 250Vac/dc and 600Vac/dc respectively
with interrupting ratings of 200kA AC and 20kA
DC.
Ratings
Volts
250Vac/dc KWN-R
600Vac/dc KWS-R
Amps 1-60A
Interrupting rating
200kA AC
20kA DC
Agency information
CE
UL Listed, Std. 248-12, Class RK1, Guide JDDZ,
File E4273
CSA Certified, C22.2 No. 248.12,
Class 1422-02, File 53787
250V KWN-R catalog numbers (amp)
KWN-R-1
KWN-R-15
KWN-R-50
KWN-R-3
KWN-R-20
KWN-R-60
KWN-R-5
KWN-R-25
KWN-R-6
KWN-R-30
KWN-R-10
KWN-R-40
600V KWS-R catalog numbers (amp)
KWS-R-1
KWS-R-15
KWS-R-40
KWS-R-3
KWS-R-20
KWS-R-50
KWS-R-5
KWS-R-25
KWS-R-60
KWS-R-6
KWS-R-30
KWS-R-10
KWS-R-35
KWN-R and KWS-R Carton quantity
Amp rating
Carton qty.
1–60
10


Similar Part No. - KWN-R-25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KWN-R-1 ETC1-KWN-R-1 Datasheet
1Mb / 4P
250V KWN-R and 600V KWS-R Class RK1 fuses
More results

Similar Description - KWN-R-25

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KLSR LITTELFUSE-KLSR Datasheet
373Kb / 2P
CLASS RK1-KLNR KLSR SERIES FUSES
logo
Cooper Bussmann, Inc.
RES-50 COOPER-RES-50 Datasheet
1Mb / 5P
REN (250V) RES (600V) Renewable Class H Fuses
RES-150 COOPER-RES-150 Datasheet
1Mb / 5P
REN (250V) RES (600V) Renewable Class H Fuses
RES-90 COOPER-RES-90 Datasheet
1Mb / 5P
REN (250V) RES (600V) Renewable Class H Fuses
logo
List of Unclassifed Man...
KWN-R-1 ETC1-KWN-R-1 Datasheet
1Mb / 4P
250V KWN-R and 600V KWS-R Class RK1 fuses
REN-1 ETC1-REN-1 Datasheet
615Kb / 5P
REN (250V) and RES (600V) Renewable Class H size fuses
logo
Littelfuse
LLNRK LITTELFUSE-LLNRK_16 Datasheet
494Kb / 3P
CLASS RK1 ??LLNRK ??LLSRK ??LLSRK_ID SERIES FUSES
logo
Eaton All Rights Reserv...
REN EATON-REN Datasheet
615Kb / 5P
REN (250V) and RES (600V) Renewable Class H size fuses
logo
Littelfuse
LSRK015-T LITTELFUSE-LSRK015-T Datasheet
421Kb / 3P
CLASS RK1 ? LLNRK ? LLSRK ? LLSRK_ID SERIES FUSES
Rev: 1-A-031716
LLSRK LITTELFUSE-LLSRK Datasheet
404Kb / 3P
CLASS RK1 ??LLNRK ??LLSRK ??LLSRK_ID SERIES FUSES
Rev: 1-A-052022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com