Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6125FF2-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 6125FF2-R
Description  Fast-acting subminiature fuses
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

6125FF2-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  6125FF2-R Datasheet HTML 1Page - Cooper Bussmann, Inc. 6125FF2-R Datasheet HTML 2Page - Cooper Bussmann, Inc. 6125FF2-R Datasheet HTML 3Page - Cooper Bussmann, Inc. 6125FF2-R Datasheet HTML 4Page - Cooper Bussmann, Inc. 6125FF2-R Datasheet HTML 5Page - Cooper Bussmann, Inc. 6125FF2-R Datasheet HTML 6Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data 4326
Effective December 2015
Supersedes March 2015
Product description
Fast-acting surface mount fuse
Overcurrent protection of systems up to
125Vac/72Vdc
High inrush withstand capability
Solder immersion compatible
Applications
Power supplies
Servers
LED/LCD televisions
Appliances and white goods
LCD monitor/backlight inverters
Laptops and notebooks
Agency information
cURus Recognition file number: E19180,
Guide JDYX2/JDYX8
Ordering
Specify part number and packaging prefix as shown
Packaging prefix
Part number
TR2-
6125FF1-R
Packaging prefixes
TR2- (Tape and reel, 5000 parts per 13”
diameter reel)
6125FF
Fast-acting subminiature fuses


Similar Part No. - 6125FF2-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
6125FF2-R COOPER-6125FF2-R Datasheet
536Kb / 2P
Fast-Acting Subminiature Fuses
logo
Eaton All Rights Reserv...
6125FF2-R EATON-6125FF2-R Datasheet
771Kb / 6P
Fast-acting subminiature fuses
More results

Similar Description - 6125FF2-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
6125FF COOPER-6125FF Datasheet
536Kb / 2P
Fast-Acting Subminiature Fuses
BKPCB-12-R COOPER-BKPCB-12-R Datasheet
314Kb / 2P
Subminiature, Radial Leaded, Fast-Acting Fuses
PCH-1-1 COOPER-PCH-1-1 Datasheet
315Kb / 2P
Subminiature, Radial Leaded, Fast-Acting Fuses PC-Tron Series
PCB-3-R COOPER-PCB-3-R Datasheet
314Kb / 2P
Subminiature, Radial Leaded, Fast-Acting Fuses PC-Tron Series
PCB-3 COOPER-PCB-3 Datasheet
240Kb / 2P
Subminiature, Radial Leaded, Fast-Acting Fuses
SS-5FH-3.15A COOPER-SS-5FH-3.15A Datasheet
1Mb / 4P
Subminiature fast-acting fuses
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
fast-acting fuses
logo
Eaton All Rights Reserv...
6125FF EATON-6125FF Datasheet
771Kb / 6P
Fast-acting subminiature fuses
PC-TRON EATON-PC-TRON Datasheet
1Mb / 2P
Subminiature radial leaded fast-acting fuses
SS-5FH EATON-SS-5FH Datasheet
1Mb / 4P
Subminiature fast-acting fuses
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com