Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6125FF2-R Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # 6125FF2-R
Description  Fast-acting subminiature fuses
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

6125FF2-R Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  6125FF2-R Datasheet HTML 1Page - Cooper Bussmann, Inc. 6125FF2-R Datasheet HTML 2Page - Cooper Bussmann, Inc. 6125FF2-R Datasheet HTML 3Page - Cooper Bussmann, Inc. 6125FF2-R Datasheet HTML 4Page - Cooper Bussmann, Inc. 6125FF2-R Datasheet HTML 5Page - Cooper Bussmann, Inc. 6125FF2-R Datasheet HTML 6Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Technical Data
4326
Effective December 2015
6125FF
Fast-acting subminiature fuses
www.eaton.com/elx
Temperature derating curve
Environmental data
Operating temperature: -55°C to 125°C (with derating)
Storage temperature: -55°C to 125°C
Mechanical shock: MIL- STD- 202, method 213
High frequency vibration: MIL- STD- 202, method 204
Load humidity: MIL- STD- 202, method 103
Moisture resistance: MIL- STD- 202, method 106
Resistance to solvents: MIL- STD- 202, method 215
Thermal shock: MIL- STD- 202, Method 107
Temperature (°C)
80.00
-25.0
0.0
24.0
50.0
85.0
105.0
125.0
85.00
90.00
95.00
100.00
105.00
110.00
115.00
120.00
125.00



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com