Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDFM Datasheet(PDF) 27 Page - STMicroelectronics

Part # LDFM
Description  500 mA very low drop voltage regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDFM Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LDFM Datasheet HTML 23Page - STMicroelectronics LDFM Datasheet HTML 24Page - STMicroelectronics LDFM Datasheet HTML 25Page - STMicroelectronics LDFM Datasheet HTML 26Page - STMicroelectronics LDFM Datasheet HTML 27Page - STMicroelectronics LDFM Datasheet HTML 28Page - STMicroelectronics LDFM Datasheet HTML 29Page - STMicroelectronics LDFM Datasheet HTML 30Page - STMicroelectronics LDFM Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
LDFM
Package information
DocID023585 Rev 4
27/36
Table 11: DFN6 (2x2) mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0.00
0.02
0.05
b
0.25
0.30
0.35
D
2.00 BSC
E
2.00 BSC
e
0.65 BSC
D2
1.45
1.70
E2
0.85
1.10
L
0.20
0.30
K
0.15
aaa
0.05
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
N
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com