Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDFMPUR Datasheet(PDF) 35 Page - STMicroelectronics

Part # LDFMPUR
Description  500 mA very low drop voltage regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDFMPUR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LDFMPUR Datasheet HTML 28Page - STMicroelectronics LDFMPUR Datasheet HTML 29Page - STMicroelectronics LDFMPUR Datasheet HTML 30Page - STMicroelectronics LDFMPUR Datasheet HTML 31Page - STMicroelectronics LDFMPUR Datasheet HTML 32Page - STMicroelectronics LDFMPUR Datasheet HTML 33Page - STMicroelectronics LDFMPUR Datasheet HTML 34Page - STMicroelectronics LDFMPUR Datasheet HTML 35Page - STMicroelectronics LDFMPUR Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
LDFM
Revision history
DocID023585 Rev 4
35/36
10
Revision history
Table 16: Document revision history
Date
Revision
Changes
28-Aug-2012
1
Initial release.
22-Nov-2013
2
Part numbers LDFM and LDFM50 have been unified under LDFM.
Updated the Features and the Description in cover page.
Cancelled Table1: Device summary.
Updated Section 2: Pin configuration, Section 3: Typical application, Section 4:
Absolute maximum ratings, Section 5: Electrical characteristics and Section 8:
Package information.
Added Section 8.7: DFN6 (3 x 3 mm) packing information and Section 9: Order
code.
Minor text changes.
15-Jun-2015
3
Updated Table 5: Electrical characteristics for LDFM (fixed versions) and Table 6:
Electrical characteristics for LDFM (adjustable version).
Minor text changes.
05-Sep-2016
4
Updated Section 9: "Ordering information".
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com