Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDFMPUR Datasheet(PDF) 4 Page - STMicroelectronics

Part # LDFMPUR
Description  500 mA very low drop voltage regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDFMPUR Datasheet(HTML) 4 Page - STMicroelectronics

  LDFMPUR Datasheet HTML 1Page - STMicroelectronics LDFMPUR Datasheet HTML 2Page - STMicroelectronics LDFMPUR Datasheet HTML 3Page - STMicroelectronics LDFMPUR Datasheet HTML 4Page - STMicroelectronics LDFMPUR Datasheet HTML 5Page - STMicroelectronics LDFMPUR Datasheet HTML 6Page - STMicroelectronics LDFMPUR Datasheet HTML 7Page - STMicroelectronics LDFMPUR Datasheet HTML 8Page - STMicroelectronics LDFMPUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Pin configuration
LDFM
4/36
DocID023585 Rev 4
2
Pin configuration
Figure 2: Pin connection (top view)
Table 1: Pin description DPAK, PPAK
Pin n°
Symbol
Function
PPAK
DPAK
5
-
ADJ/PG
For adjustable versions: error amplifier input pin.
For fixed version: Power Good output
2
1
VIN
Input voltage
4
3
VOUT
Output voltage
1
-
EN
Enable pin logic input: Low = shutdown, High = active
3
2
GND
Ground
TAB
TAB
GND
Ground
Table 2: Pin description DFN6-2x2 and 3x3
Pin n°
Symbol
Function
2
ADJ/NC
For adjustable versions: error amplifier input pin. For fixed version: not
connected
6
VIN
Input voltage
1
VOUT
Output Voltage
5
EN
Enable pin logic input: low = shutdown, high = active
3
PG
Power good output
4
GND
Ground
exposed
pad
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com