Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3MDLTR Datasheet(PDF) 17 Page - STMicroelectronics

Part # LIS3MDLTR
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3MDLTR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LIS3MDLTR Datasheet HTML 13Page - STMicroelectronics LIS3MDLTR Datasheet HTML 14Page - STMicroelectronics LIS3MDLTR Datasheet HTML 15Page - STMicroelectronics LIS3MDLTR Datasheet HTML 16Page - STMicroelectronics LIS3MDLTR Datasheet HTML 17Page - STMicroelectronics LIS3MDLTR Datasheet HTML 18Page - STMicroelectronics LIS3MDLTR Datasheet HTML 19Page - STMicroelectronics LIS3MDLTR Datasheet HTML 20Page - STMicroelectronics LIS3MDLTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
DocID024204 Rev 4
17/33
LIS3MDL
Digital interfaces
5.1.1
I2C operation
The transaction on the bus is started through a START (ST) signal. A START condition is
defined as a HIGH-to-LOW transition on the data line while the SCL line is held HIGH. After
this has been transmitted by the master, the bus is considered busy. The next byte of data
transmitted after the start condition contains the address of the slave in the first seven bits
and the eighth bit tells whether the master is receiving data from the slave or transmitting
data to the slave. When an address is sent, each device in the system compares the first
seven bits after a start condition with its address. If they match, the device considers itself
addressed by the master.
The Slave ADdress (SAD) associated to the LIS3MDL is 00111x0b, whereas the x bit is
modified by the SDO/SA1 pin in order to modify the device address. If the SDO/SA1 pin is
connected to the voltage supply, the address is 0011110b, otherwise, if the SDO/SA1 pin is
connected to ground, the address is 0011100b.
Data transfer with acknowledge is mandatory. The transmitter must release the SDA line
during the acknowledge pulse. The receiver must then pull the data line LOW so that it
remains stable low during the HIGH period of the acknowledge clock pulse. A receiver
which has been addressed is obliged to generate an acknowledge after each byte of data
received.
The I2C embedded inside the LIS3MDL behaves like a slave device and the following
protocol must be adhered to. After the START condition (ST) a slave address is sent, once a
slave acknowledge (SAK) has been returned, an 8-bit sub-address (SUB) is transmitted: the
7 LSb represent the actual register address while the MSb enables address auto-increment.
If the MSb of the SUB field is ‘1’, the SUB (register address) is automatically increased to
allow multiple data read/write.
The slave address is completed with a Read/Write bit. If the bit is ‘1’ (Read), a repeated
START (SR) condition must be issued after the two sub-address bytes; if the bit is ‘0’ (Write)
the master will transmit to the slave with direction unchanged. Table 11 explains how the
SAD+read/write bit pattern is composed, listing all the possible configurations.
Table 11. SAD+read/write patterns
Command
SAD[6:2]
SAD[1] = SDO/SA1
SAD[0]
R/W
SAD+R/W
Read
00111
0
0
1
00111001 (39h)
Write
00111
0
0
0
00111000 (38h)
Read
00111
1
0
1
00111101 (3Dh)
Write
00111
1
0
0
00111100 (3Ch)
Table 12. Transfer when master is writing one byte to slave
Master
ST
SAD + W
SUB
DATA
SP
Slave
SAK
SAK
SAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com