Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3MDLTR Datasheet(PDF) 30 Page - STMicroelectronics

Part # LIS3MDLTR
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3MDLTR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LIS3MDLTR Datasheet HTML 25Page - STMicroelectronics LIS3MDLTR Datasheet HTML 26Page - STMicroelectronics LIS3MDLTR Datasheet HTML 27Page - STMicroelectronics LIS3MDLTR Datasheet HTML 28Page - STMicroelectronics LIS3MDLTR Datasheet HTML 29Page - STMicroelectronics LIS3MDLTR Datasheet HTML 30Page - STMicroelectronics LIS3MDLTR Datasheet HTML 31Page - STMicroelectronics LIS3MDLTR Datasheet HTML 32Page - STMicroelectronics LIS3MDLTR Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
Registers description
LIS3MDL
30/33
DocID024204 Rev 4
7.14
INT_THS_L(32h), INT_THS_H(33h)
Interrupt threshold. Default value: 0.
The value is expressed in 16-bit unsigned.
Even if the threshold is expressed in absolute value, the device detects both positive and
negative thresholds.
Table 40. INT_THS_L_M
THS7
THS6
THS5
THS4
THS3
THS2
THS1
THS0
Table 41. INT_THS_H_M
0(1)
1. These bits must be set to ‘0’ for correct functioning of the device
THS14
THS13
THS12
THS11
THS10
THS9
THS8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com