Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDL112D30R Datasheet(PDF) 1 Page - STMicroelectronics

Part # LDL112D30R
Description  1.2 A low quiescent current LDO with reverse current protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDL112D30R Datasheet(HTML) 1 Page - STMicroelectronics

  LDL112D30R Datasheet HTML 1Page - STMicroelectronics LDL112D30R Datasheet HTML 2Page - STMicroelectronics LDL112D30R Datasheet HTML 3Page - STMicroelectronics LDL112D30R Datasheet HTML 4Page - STMicroelectronics LDL112D30R Datasheet HTML 5Page - STMicroelectronics LDL112D30R Datasheet HTML 6Page - STMicroelectronics LDL112D30R Datasheet HTML 7Page - STMicroelectronics LDL112D30R Datasheet HTML 8Page - STMicroelectronics LDL112D30R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
October 2016
DocID026319 Rev 2
1/32
This is information on a product in full production.
www.st.com
LDL112
1.2 A low quiescent current LDO with reverse current protection
Datasheet - production data
Features
Input voltage from 1.6 to 5.5 V
Very low-dropout voltage (300 mV typ. at
1 A load)
Low quiescent current (35 µA typ. at
no-load, 1 µA max. in off mode)
Output voltage tolerance: ± 2.0% at 25 °C
1.2 A guaranteed output current
Wide range of output voltages available on
request: 0.8 V to 5 V with 50 mV step and
adjustable
Logic-controlled electronic shutdown
Compatible with ceramic capacitor
COUT = 1 µF
Internal current and thermal limit
Available in DFN6 (2x2), DFN6 (3x3) mm,
SO8-batwing and PPAK packages
Temperature range: -40 °C to 125 °C
Reverse current protection
Output discharge function (optional)
Applications
Consumer
Computer
Battery-powered systems
Low voltage point-of-load
USB-powered devices
Description
The LDL112 is a low-dropout linear regulator,
which can provide a maximum current of 1.2 A,
with a typical dropout voltage of 300 mV.
It is stabilized with a ceramic capacitor on the
output.
The very low drop voltage, low quiescent current
and reverse current protection features make it
suitable for low power battery-powered
applications.
The enable logic control function puts the
LDL112 in shutdown mode allowing a total
current consumption lower than 1 µA.
The device is equipped with current limit and
thermal protection.


Similar Part No. - LDL112D30R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDL1117 STMICROELECTRONICS-LDL1117 Datasheet
1Mb / 23P
1.2 A high PSRR low-dropout linear voltage regulator
Apr-2020
LDL1117S12R STMICROELECTRONICS-LDL1117S12R Datasheet
1Mb / 23P
1.2 A high PSRR low-dropout linear voltage regulator
Apr-2020
LDL1117S15R STMICROELECTRONICS-LDL1117S15R Datasheet
1Mb / 23P
1.2 A high PSRR low-dropout linear voltage regulator
Apr-2020
LDL1117S18R STMICROELECTRONICS-LDL1117S18R Datasheet
1Mb / 23P
1.2 A high PSRR low-dropout linear voltage regulator
Apr-2020
LDL1117S25R STMICROELECTRONICS-LDL1117S25R Datasheet
1Mb / 23P
1.2 A high PSRR low-dropout linear voltage regulator
Apr-2020
More results

Similar Description - LDL112D30R

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
Low Quiescent Current LDO
2003
logo
Fairchild Semiconductor
FAN1539 FAIRCHILD-FAN1539_05 Datasheet
577Kb / 15P
1A/1.3A, LDO with Low Quiescent Current
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700_07 Datasheet
729Kb / 24P
Low Quiescent Current LDO
2007
logo
Micrel Semiconductor
MIC5327 MICREL-MIC5327 Datasheet
325Kb / 10P
300mA Low Quiescent Current LDO
logo
Microchip Technology
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
MCP1700-1502E MICROCHIP-MCP1700-1502E Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
Low Quiescent Current LDO
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700_13 Datasheet
973Kb / 28P
Low Quiescent Current LDO
08/20/13
logo
New Japan Radio
NJM2879-H NJRC-NJM2879-H Datasheet
538Kb / 17P
LDO with Reverse Current Protection / Discharge Function
Ver.1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com