Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDL112D30R Datasheet(PDF) 11 Page - STMicroelectronics

Part # LDL112D30R
Description  1.2 A low quiescent current LDO with reverse current protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDL112D30R Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LDL112D30R Datasheet HTML 7Page - STMicroelectronics LDL112D30R Datasheet HTML 8Page - STMicroelectronics LDL112D30R Datasheet HTML 9Page - STMicroelectronics LDL112D30R Datasheet HTML 10Page - STMicroelectronics LDL112D30R Datasheet HTML 11Page - STMicroelectronics LDL112D30R Datasheet HTML 12Page - STMicroelectronics LDL112D30R Datasheet HTML 13Page - STMicroelectronics LDL112D30R Datasheet HTML 14Page - STMicroelectronics LDL112D30R Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LDL112
Typical performance characteristics
DocID026319 Rev 2
11/32
7
Typical performance characteristics
(CIN = COUT = 1 µF, VEN to VIN, T = 25 °C unless otherwise specified)
Figure 5: Output voltage vs temperature
(VOUT = 3.3 V, IOUT = 5 mA)
Figure 6: Output voltage vs temperature
(VOUT = 3.3 V, IOUT = 1.2 A)
Figure 7: Output voltage vs temperature
(VOUT = VADJ, IOUT = 5 mA)
Figure 8: Output voltage vs temperature
(VOUT = VADJ, IOUT = 1.2 A)
Figure 9: Line regulation vs temperature
Figure 10: Load regulation vs temperature
AM14040V1
V
IN=3.8V, IOUT=5mA , VOUT=3.3V
3
3.1
3.2
3.3
3.4
3.5
3.6
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [°C]
AM14041V1
3
3.1
3.2
3.3
3.4
3.5
3.6
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [°C]
V
IN=3.8V, IOUT=1.2A, VOUT=3.3V
AM14042V1
0 .7
0 .72
0 .74
0 .76
0 .78
0 .8
0 .82
0 .84
0 .86
0 .88
0 .9
-60
-40
-20
0
20
40
60
80
1 0 0
1 2 0
1 4 0
Temperature [°C]
VIN=1.6V, IOUT=5mA, VOUT=VADJ
AM14043V1
0.7
0.72
0.74
0.76
0.78
0.8
0.82
0.84
0.86
0.88
0.9
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [°C]
V
IN=2V, IOUT=1.2A, VOUT=VADJ
AM14044V1
V
IN=3.8V to 5.5V, IOUT=1.2A, VOUT=3.3V
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [°C]
AM14045V1
V
IN=3.8V, IOUT=from 0mAto 1.2A , VOUT=3.3V
0
5
10
15
20
25
30
35
40
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com