Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDL112D33R Datasheet(PDF) 12 Page - STMicroelectronics

Part # LDL112D33R
Description  1.2 A low quiescent current LDO with reverse current protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDL112D33R Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LDL112D33R Datasheet HTML 8Page - STMicroelectronics LDL112D33R Datasheet HTML 9Page - STMicroelectronics LDL112D33R Datasheet HTML 10Page - STMicroelectronics LDL112D33R Datasheet HTML 11Page - STMicroelectronics LDL112D33R Datasheet HTML 12Page - STMicroelectronics LDL112D33R Datasheet HTML 13Page - STMicroelectronics LDL112D33R Datasheet HTML 14Page - STMicroelectronics LDL112D33R Datasheet HTML 15Page - STMicroelectronics LDL112D33R Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Typical performance characteristics
LDL112
12/32
DocID026319 Rev 2
Figure 11: Quiescent current vs temperature
(IOUT = 0 mA)
Figure 12: Quiescent current vs temperature
(IOUT = 1.2 A)
Figure 13: Shutdown current vs temperature
Figure 14: Quiescent current vs load current
Figure 15: Dropout voltage vs temperature
(IOUT = 600 mA)
Figure 16: Dropout voltage vs temperature
(IOUT = 1.2 A)
AM14046V1
V IN= 3 .8 V, IOUT= 0 m A, V OUT= 3 .3 V
0
10
20
30
40
50
60
70
80
90
100
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [°C]
AM14047V1
V
IN=3.8V, IOUT= 1.2A, VOUT=3.3V
0
50
100
150
200
250
300
350
400
450
500
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [°C]
AM14048V1
V
IN=2V, VEN= GND, VOUT=VADJ
0
0.5
1
1.5
2
2.5
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [°C]
AM14049V1
V
IN=2V, VOUT=VADJ , T=25°C
0
50
100
150
200
250
300
0
200
400
600
800
1000
1200
Load current [mA]
AM14050V1
I
OUT= 0.6A, VOUT=3.3V
0
50
100
150
200
250
300
350
400
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [°C]
AM14051V1
I
OUT= 1.2A, VOUT=3.3V
0
100
200
300
400
500
600
700
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com